Electronic Components Datasheet Search
  English  ▼

X  

AX1201 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX1201
Description  1A Ultra Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1201 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX1201 Datasheet HTML 1Page - AXElite technology co. ltd AX1201 Datasheet HTML 2Page - AXElite technology co. ltd AX1201 Datasheet HTML 3Page - AXElite technology co. ltd AX1201 Datasheet HTML 4Page - AXElite technology co. ltd AX1201 Datasheet HTML 5Page - AXElite technology co. ltd AX1201 Datasheet HTML 6Page - AXElite technology co. ltd AX1201 Datasheet HTML 7Page - AXElite technology co. ltd AX1201 Datasheet HTML 8Page - AXElite technology co. ltd AX1201 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Sep.20, 2019
AX1201
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Supply Voltage
VCC
-0.3 to 25
V
EN Pin Voltage
VEN
-0.3 to 7
V
FB Pin Voltage
VFB
-0.3 to Vcc+0.3
V
Output current
Io
1.5
A
Power Dissipation
PD
TO220=4, SOP8=1.6
W
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature Range
TJ
-40 to 125
°C
Operating Temperature Range
TOP
-40 to +85
°C
Thermal Resistance from Junction to case
SOP8
θJC
20
°C/W
TDFN-8L
15
Thermal Resistance from Junction to ambient
SOP8
θJA
60
°C/W
TDFN-8L
45
Note: θJA is measured with the PCB copper area(need connect to OUT pin) of approximately 1.5 in2 (Multi-layer).
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA=25°C, VCC=12V)
Characteristics
Symbol
Conditions
Min Typ Max Units
VCC Supply Voltage
VCC
IOUT=1A
5.1
-
23
V
Feedback Voltage
VFB
IOUT=10mA, VCC=10V
1.196 1.22 1.244
V
Output Voltage
VOUT
IOUT=10mA, VCC=6V
4.90 5.0 5.10
V
IOUT=10mA, VCC=10V
8.82 9.0 9.18
IOUT=10mA, VCC=13V
11.76 12 12.24
GND Current
IGND
IOUT= 0~1A
-
1.2
3
mA
Shutdown Current
ISD
VEN=0V
-
0.15 0.4
mA
Load regulation
VLoad 5mA < IOUT < 1A
-
0.5 1.5
%
Line regulation
VLine
IOUT=10mA,
VOUT+1.0V<VCC< VOUT+10V
-
0.1 0.5
%
Ripple rejection ratio
PSRR Note1
-
65
-
dB
Dropout Voltage
VDROP
IOUT= 1A, VOUT=5V
-
0.14 0.2
V
IOUT= 1A, VOUT=9V
-
0.13 0.19
IOUT= 1A, VOUT=12V
-
0.1 0.15
Short circuit protect
Iscp VOUT<20%
-
0.3
-
A
Current Limit
CL
1.1
-
-
A
EN
Pin
Logic
input
threshold voltage
VENH High (regulator ON)
2.0
-
-
V
VENL Low (regulator OFF)
-
-
0.8
V
EN Pin Input Current
IENH VEN=2.5V (ON)
-
20
-
uA
IENL
VEN=0.3V (OFF)
-
-10
-
uA
Internal MOSFET RDSON RDSON
VCC=5.5V
-
140 200
mΩ
VCC=12V
-
100 150
Thermal Shutdown
TSD
-
140
-
°C
Note. These parameters, although guaranteed, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com