Electronic Components Datasheet Search
  English  ▼

X  

AX1201 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX1201
Description  1A Ultra Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1201 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX1201 Datasheet HTML 1Page - AXElite technology co. ltd AX1201 Datasheet HTML 2Page - AXElite technology co. ltd AX1201 Datasheet HTML 3Page - AXElite technology co. ltd AX1201 Datasheet HTML 4Page - AXElite technology co. ltd AX1201 Datasheet HTML 5Page - AXElite technology co. ltd AX1201 Datasheet HTML 6Page - AXElite technology co. ltd AX1201 Datasheet HTML 7Page - AXElite technology co. ltd AX1201 Datasheet HTML 8Page - AXElite technology co. ltd AX1201 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Sep.20, 2019
AX1201
TYPICAL CHARACTERISTICS
Vcc vs. GND Current
0.5
0.8
1.1
1.4
1.7
2
5.1
8
12
16
20
23
Vcc (V)
Vcc vs. Shutdown Current
0
50
100
150
200
250
5.1
8
12
16
20
23
Vcc (V)
Iout vs. FB Voltage
(Vcc=12.5V Vout=12V)
1.21
1.214
1.218
1.222
1.226
1.23
0
200
400
600
800
1000
Iout (mA)
Iout vs. Vout
(Vcc=12.5V)
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
0
200
400
600
800
1000
Iout (mA)
Temperature vs. Current Limit
(Vcc=12.5V
Vout=12V)
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-40
-20
0
25
50
85
105
125
Te mpe rature (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com