Electronic Components Datasheet Search
  English  ▼

X  

AX1201SA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX1201SA
Description  1A Ultra Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1201SA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX1201SA Datasheet HTML 1Page - AXElite technology co. ltd AX1201SA Datasheet HTML 2Page - AXElite technology co. ltd AX1201SA Datasheet HTML 3Page - AXElite technology co. ltd AX1201SA Datasheet HTML 4Page - AXElite technology co. ltd AX1201SA Datasheet HTML 5Page - AXElite technology co. ltd AX1201SA Datasheet HTML 6Page - AXElite technology co. ltd AX1201SA Datasheet HTML 7Page - AXElite technology co. ltd AX1201SA Datasheet HTML 8Page - AXElite technology co. ltd AX1201SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Sep.20, 2019
AX1201
APPLICATION CIRCUIT
1. FIXED
VIN+13V
ON/OFF
C1
100uF
C2
220uF
VOUT = 12V/1.0A
U1
AX1201-12
1
2
3
4
5
6
7
8
FB
EN
Vcc
OUT
OUT
GND
OUT
OUT
C3
100pF
2. ADJ
VIN+10V
ON/OFF
C1
100uF
C2
220uF
VOUT = 9V/1.0A
U1
AX1201-ADJ
1
2
3
4
5
6
7
8
FB
EN
Vcc
OUT
OUT
GND
OUT
OUT
R2
4.7K
R1
30K
C3
100pF
VOUT=VFB*(1+R1/R2)
VFB = 1.22V
R2 suggest 1K~5.6KΩ
C2 choose Low ESR capacitor
C3=47pF~100pF for stability issue



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com