Electronic Components Datasheet Search
  English  ▼

X  

AX1201SA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX1201SA
Description  1A Ultra Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1201SA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX1201SA Datasheet HTML 1Page - AXElite technology co. ltd AX1201SA Datasheet HTML 2Page - AXElite technology co. ltd AX1201SA Datasheet HTML 3Page - AXElite technology co. ltd AX1201SA Datasheet HTML 4Page - AXElite technology co. ltd AX1201SA Datasheet HTML 5Page - AXElite technology co. ltd AX1201SA Datasheet HTML 6Page - AXElite technology co. ltd AX1201SA Datasheet HTML 7Page - AXElite technology co. ltd AX1201SA Datasheet HTML 8Page - AXElite technology co. ltd AX1201SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Sep.20, 2019
AX1201
1A Ultra Low Dropout Linear Regulator
GENERAL DESCRIPTION
The AX1201 is a low-dropout voltage regulator suitable for various electronic
equipments. It provides constant voltage power source. The dropout voltage of AX1201 is
below 0.14V in full rated current (1A). This regulator has various functions such as a peak
current protection, a thermal shut down, a short circuit protect.
The AX1201 is available in SOP-8L and TDFN-8L power packages which features
small size to reduce the junction-to-case resistance, being applicable in 0.5~3W
applications.
FEATURES
- Ultra Low Dropout - 0.14V(typical) at 1A Output Current
- Adjustable mode: 1.22V Reference Voltage
- Fixed mode:5V, 9V, 12V output voltage
- Operating voltage can be up to 23V.
- Current-Limit and Thermal Shutdown Protection
- Short circuit protection, Enable function.
- Built-in internal SW P-channel MOS
- SOP-8L and TDFN-8L Pb-Free Packages.
- RoHS and Halogen free compliance
BLOCK DIAGRAM
Current
Limit
-
+
Vcc
OUT
GND
Error
Amp
Vref=1.22V
Thermal
Shutdown
Enable
EN
FB
7V
10uA


Similar Part No. - AX1201SA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1205 AXELITE-AX1205 Datasheet
471Kb / 8P
2A Ultra Low Dropout Linear Regulator
Rev.1.4 Aug.22, 2019
AX1205S AXELITE-AX1205S Datasheet
471Kb / 8P
2A Ultra Low Dropout Linear Regulator
Rev.1.4 Aug.22, 2019
AX1205SA AXELITE-AX1205SA Datasheet
471Kb / 8P
2A Ultra Low Dropout Linear Regulator
Rev.1.4 Aug.22, 2019
More results

Similar Description - AX1201SA

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com