Electronic Components Datasheet Search
  English  ▼

X  

AX78L05 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX78L05
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX78L05 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX78L05 Datasheet HTML 1Page - AXElite technology co. ltd AX78L05 Datasheet HTML 2Page - AXElite technology co. ltd AX78L05 Datasheet HTML 3Page - AXElite technology co. ltd AX78L05 Datasheet HTML 4Page - AXElite technology co. ltd AX78L05 Datasheet HTML 5Page - AXElite technology co. ltd AX78L05 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.05, 2019
AX78L05
3-Terminal 100mA Positive Voltage Regulator
GENERAL DESCRIPTION
The AX78L05 of positive voltage Regulator is inexpensive, easy-to-use devices
suitable for a multitude of applications that require a regulated supply of up to 100mA. Like
their higher power AX78L05, this regulator feature internal current limiting and thermal
shutdown making them remarkably rugged. No external components are required with the
AX78L05 device in many applications.
The device offer a substantial performance advantage over the traditional zener
diode-resistor combination, as output impedance and quiescent current are substantially
reduced.
FEATURES
-
Output Voltage Range 3.3 to 24V
-
Output current up to 100mA
-
No external components required
-
Internal thermal overload protection
-
Internal short-circuit current limiting
-
Output transistor safe-area compensation
-
Output voltage offered in 4% tolerance
-
RoHS and Halogen free compliance
PIN ASSIGNMENT
The package of AX78L05 is SOT89-3L; the pin assignment is given by:
VOUTGNDVIN
1
3
2
AX78L05
(SOT89-3L)


Similar Part No. - AX78L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
3-Terminal Positive Voltage Regulators
More results

Similar Description - AX78L05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com