Electronic Components Datasheet Search
  English  ▼

X  

AX78L05 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX78L05
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX78L05 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX78L05 Datasheet HTML 1Page - AXElite technology co. ltd AX78L05 Datasheet HTML 2Page - AXElite technology co. ltd AX78L05 Datasheet HTML 3Page - AXElite technology co. ltd AX78L05 Datasheet HTML 4Page - AXElite technology co. ltd AX78L05 Datasheet HTML 5Page - AXElite technology co. ltd AX78L05 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.05, 2019
AX78L05
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
AX 78L05 X
Packing
Blank: Tube
F: SOT89-3L
X
A: Taping
YWX
GPI05 Output Voltage
ID code: internal
WW: 01~26(A~Z)
27~52(a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
Z=2044
:
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Rating
Unit
DC Input Voltage
VIN
35
V
Power Dissipation
(multi-layer PCB cupper area 5mm*5mm)
TA=25oC, TJ=125oC, SOT89
PD
625
mW
Operating Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ + 150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com