Electronic Components Datasheet Search
  English  ▼

X  

D16550 Datasheet(PDF) 4 Page - Digital Core Design

Part # D16550
Description  Configurable UART with FIFO ver 2.08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

D16550 Datasheet(HTML) 4 Page - Digital Core Design

  D16550 Datasheet HTML 1Page - Digital Core Design D16550 Datasheet HTML 2Page - Digital Core Design D16550 Datasheet HTML 3Page - Digital Core Design D16550 Datasheet HTML 4Page - Digital Core Design D16550 Datasheet HTML 5Page - Digital Core Design D16550 Datasheet HTML 6Page - Digital Core Design D16550 Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
SYMBOL
datai(7:0)
address(2:0)
datao(7:0)
so
rts
dtr
out1
out2
cts
dsr
dcd
ri
wr
rd
cs
si
rst
clk
rclk
baudclk
baudout
intr
ddis
txrdy
rxrdy
D16550
baudclken
rclken
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
rst
input
Global reset
clk
input
Global clock
datai[7:0]
input
Parallel data input
addr[2:0]
input
Address bus
cs
input
Chip select input
wr
input
Write input
rd
input
Read input
rclk
input
Receiver clock
baudclk
input
Baud generator clock
si
input
Serial data input
cts
input
Clear to send input
dsr
input
Data set ready input
dcd
input
Data carrier detect input
ri
input
Ring indicator input
baudclken
input
Baud generator clock enable
rclken
input
Receiver clock enable
baudout
output
Baud generator output
datao[7:0]
output
Parallel data output
so
output
Serial data output
ddis
output
Driver disable output
txrdy
output
Transmitter ready output
rxrdy
output
Receiver ready output
rts
output
Request to send output
dtr
output
Data terminal ready output
out1
output
Output 1
out2
output
Output 2
intr
output
Interrupt request output
Note
: When enabled RCLK and BAUDCLK pins
frequency should be at least two times lower
than CLK, 2*fRCLK< fCLK
BLOCK DIAGRAM
Data Bus Buffer
- The data Bus Buffer
accepts inputs from the system bus and
generates control signals for the other D16550
functional blocks. Address bus ADDR(2:0)
selects one of the register to be read
from/written into. Both RD and WE signals are
active low, and are qualified by CS; RD and
WE are ignored unless the D16550 has been
selected by holding CS low.
rclk
rclken
si
Receiver
Control
&
Shift Register
RCVR Buffer
&
RCVR FIFO
addr(2:0)
datai(7:0)
datao(7:0)
rd
wr
cs
ddis
txrdy
rxrdy
Data Bus
Buffer
Baud
Generator
clk
rst
Interrupt
Controller
rts
cts
dtr
dsr
dcd
ri
out1
out2
Modem
control
logic
so
Transmitter
Control
&
Shift Register
THR Buffer
&
THR FIFO
intr
baudclk
baudclken
baudout
Baud Generator
- The D16550 contains a
programmable 16 bit baud generator that
divides clock input by a divisor in the range
between 1 and (216–1). The output frequency
of the baud generator is 16× the baud rate.
The formula for the divisor is:
16
*
baudrate
frequency
divisor
=
Two 8-bit registers, called divisor latches DLL
and DLM, store the divisor in a 16-bit binary
format. These divisor latches must be loaded
during initialization of the D16550 in order to
ensure
desired
operation
of
the
baud
generator. When either of the divisor latches
is loaded, a 16-bit baud counter is also loaded
on the CLK rising edge following the write to



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com