Electronic Components Datasheet Search
  English  ▼

X  

DFPMU Datasheet(PDF) 3 Page - Digital Core Design

Part # DFPMU
Description  Floating Point Coprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPMU Datasheet(HTML) 3 Page - Digital Core Design

  DFPMU Datasheet HTML 1Page - Digital Core Design DFPMU Datasheet HTML 2Page - Digital Core Design DFPMU Datasheet HTML 3Page - Digital Core Design DFPMU Datasheet HTML 4Page - Digital Core Design DFPMU Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
SYMBOL
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
Input
Global system clock
rst
Input
Global system reset
cs
Input
Chip select for read/write
datai[31:0]
1
Input
Data bus input
addr[4:2]
2
Input
Register address to read/write
we
Input
Data write enable
datao[31:0]
1
Output Data bus output
irq
Output Interrupt request indicator
1 – data bus can be configured as 8-, 16- or 32- bit
depends on processor’s bus size
2 – address bus is aligned to work with 8- (3:0), 16-
(3:1) or 32- (4:2) bit processors
BLOCK DIAGRAM
Mantissa –
performs operations on mantissa
part of number. The addition, subtraction,
multiplication, division, square root, compari-
son and conversion operations are executed
in this module. It contains mantissas and
work registers.
CORDIC –
performs trigonometric operations
on input data. The sine, cosine, tangent and
arctangent operations are executed in this
module. It contains three work registers.
Exponent –
performs operations on expo-
nent part of number. The addition, subtrac-
tion, shifting, comparison and conversion
operations are executed in this module. It
contains exponents and work registers.
Align –
performs the numbers analyze
against IEEE-754 standard compliance. In-
formation about the data classes are passed
as result to appropriate internal module.
Shifter –
performs mantissa shifting during
normalization, denormalization operations.
Information about shifted-out bits are stored
for rounding process.
Control Unit –
manages execution of all
instructions and internal operation required to
execute particular function.
Interface –
makes interface between exter-
nal device and DFPMU internal 32-bit mod-
ules. It contains data, control and status reg-
isters. It can be configured to work with 8-,
16- and 32-bit processors.
PERFORMANCE
The following table gives a survey about
the Core area and performance in the AL-
TERA® devices after Place & Route (all key
features have been included):
Device
Speed
grade
Logic Cells
Fmax
APEX20KE
-1
5150
50 MHz
APEX20KC
-7
5150
58 MHz
APEX-II
-7
5150
73 MHz
CYCLONE
-6
4650
90 MHz
CYCLONE-II
-6
4520
96 MHz
STRATIX
-5
4460
108 MHz
STRATIX-II
-3
3300
168 MHz
Core performance in ALTERA® devices
datai(31:0)1
datao(31:0)1
irq
we
rst
clk
addr(4:2)2
cs
Mantissa
Align
Shifter
Exponent
Control
Unit
clk
rst
datai(31:0)1
datao(31:0)1
irq
addr(4:2)2
we
cs
Interface
CORDIC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com