Electronic Components Datasheet Search
  English  ▼

X  

DRPIC166X Datasheet(PDF) 1 Page - Digital Core Design

Part # DRPIC166X
Description  High Performance Configurable 8-bit RISC Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DRPIC166X Datasheet(HTML) 1 Page - Digital Core Design

  DRPIC166X Datasheet HTML 1Page - Digital Core Design DRPIC166X Datasheet HTML 2Page - Digital Core Design DRPIC166X Datasheet HTML 3Page - Digital Core Design DRPIC166X Datasheet HTML 4Page - Digital Core Design DRPIC166X Datasheet HTML 5Page - Digital Core Design DRPIC166X Datasheet HTML 6Page - Digital Core Design DRPIC166X Datasheet HTML 7Page - Digital Core Design DRPIC166X Datasheet HTML 8Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DR
RP
PIIC
C1
16
66
6X
X
●
●
●
●
●
●
●
●
●
●
High Performance Configurable
8-bit RISC Microcontroller
ver 2.15
OVERVIEW
The DRPIC166X is a low-cost, high per-
formance, 8-bit, fully static soft IP Core,
dedicated for operation with fast (typically on-
chip) dual ported memory. The core has been
designed with a special concern about low
power consumption
.
DRPIC166X
soft
core
is
software-
compatible
with
the
industry
standard
PIC16C6X. It implements an enhanced
Harvard
architecture
(i.e.
separate
instruction
and
data
memories)
with
independent address and data buses. The 14
bit program memory and 8-bit dual port data
memory allow instruction fetch and data
operations to occur simultaneously. The
advantage
of
this
architecture
is
that
instruction fetch and memory transfers can be
overlapped by multi stage pipeline, so that the
next instruction can be fetched from program
memory while the current instruction is
executed with data from the data memory.
The DRPIC166X architecture is 4 times
faster
compared to standard architecture. So
most instructions are executed within 1
system clock period
, except the instructions
which directly operates on program counter
PC (GOTO, CALL, RETURN), this situation
require the pipeline to be cleared and
subsequently refilled. This operation takes
additional one clock cycle.
The
DRPIC166X
Microcontroller
fits
perfectly in applications ranging from high-
speed automotive and appliance motor control
to low-power remote transmitters/receivers,
pointing devices and telecom processors.
Built-in power save mode make this IP perfect
for applications where power consumption is
critical.
DRPIC166X is delivered with fully automated
testbench
and complete set of tests
allowing easy package validation at each
stage of SoC design flow
CPU FEATURES
Software compatible with industry standard
PIC16C6X
Pipelined Harvard architecture 4 times
faster compared to original implementation
35 – 14 bit wide instructions
Up to 512 bytes of internal Data Memory
Up to 64K bytes of Program Memory
Configurable hardware stack
Power saving SLEEP mode
Fully synthesizable, static synchronous
design with no internal tri-states
Technology
independent
HDL
Source
Code
1.4 GHz virtual
clock frequency in a 0.18u
technological process


Similar Part No. - DRPIC166X

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DRPIC1655X DCD-DRPIC1655X Datasheet
197Kb / 8P
High Performance Configurable 8-bit RISC Microcontroller
More results

Similar Description - DRPIC166X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR8051CPU ETC-DR8051CPU Datasheet
101Kb / 7P
High Performance Configurable 8-bit Microcontroller ver 3.01
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
High Performance 8-bit RISC Microcontroller
DFPIC1655X DCD-DFPIC1655X Datasheet
187Kb / 7P
High Performance Configurable 8-bit RISC Microcontroller
DRPIC1655X DCD-DRPIC1655X Datasheet
197Kb / 8P
High Performance Configurable 8-bit RISC Microcontroller
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
High Performance Configurable 8-bit Microcontroller ver 3.10
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
High Performance 8-bit Microcontroller
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103 Datasheet
64Kb / 2P
High-Performance Secure RISC Microcontroller
Rev 3; 1/10
logo
ATMEL Corporation
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com