Electronic Components Datasheet Search
  English  ▼

X  

AM3401 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AM3401
Description  P-Ch 30V Fast Switching MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM3401 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AM3401 Datasheet HTML 1Page - AXElite technology co. ltd AM3401 Datasheet HTML 2Page - AXElite technology co. ltd AM3401 Datasheet HTML 3Page - AXElite technology co. ltd AM3401 Datasheet HTML 4Page - AXElite technology co. ltd AM3401 Datasheet HTML 5Page - AXElite technology co. ltd AM3401 Datasheet HTML 6Page - AXElite technology co. ltd AM3401 Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Aug.30, 2019
AM3401
P-Ch 30V Fast Switching MOSFETs
GENERAL DESCRIPTION
The AM3401 is the highest performance trench P-ch MOSFETs with extreme high
cell density, which provide excellent RDSON and gate charge for most of the small power
switching and load switch applications.
The AM3401 meet the RoHS and Green Product requirement, with full function
reliability approved.
FEATURES
-
Advanced high cell density Trench technology
-
Super Low Gate Charge
-
Excellent CdV/dt effect decline
-
Green Device Available
-
RoHS and Halogen free compliance.
Product Summery
SOT23-3L Pin configuration
BVDSS
RDS(ON)
ID
-30V
52mΩ
-3.3A


Similar Part No. - AM3401

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3401B AITSEMI-AM3401B Datasheet
533Kb / 6P
MOSFET -30V P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3401BE3R AITSEMI-AM3401BE3R Datasheet
533Kb / 6P
MOSFET -30V P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3401BE3VR AITSEMI-AM3401BE3VR Datasheet
533Kb / 6P
MOSFET -30V P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3401E3R AITSEMI-AM3401E3R Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results

Similar Description - AM3401

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3031 FETEK-FKBA3031 Datasheet
687Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
P-Ch 30V Fast Switching MOSFETs
Ver : B
FKD3115 FETEK-FKD3115 Datasheet
496Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com