Electronic Components Datasheet Search
  English  ▼

X  

AM3401 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AM3401
Description  P-Ch 30V Fast Switching MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM3401 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AM3401 Datasheet HTML 1Page - AXElite technology co. ltd AM3401 Datasheet HTML 2Page - AXElite technology co. ltd AM3401 Datasheet HTML 3Page - AXElite technology co. ltd AM3401 Datasheet HTML 4Page - AXElite technology co. ltd AM3401 Datasheet HTML 5Page - AXElite technology co. ltd AM3401 Datasheet HTML 6Page - AXElite technology co. ltd AM3401 Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Aug.30, 2019
AM3401
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
AM3401
Packing
Blank : Bag
X X
R: SOT23-3L
A : Taping
B
AM3401
WW:01~26 (A~Z)
27~52 (a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
ID code:internal
BY WX
:
Z=2044
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Characteristics
Symbol
Rating
Unit
10s
Steady
State
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current,
VGS @ -10V (Note1)
ID@TA=25°C
-3.8
-3.3
A
Continuous Drain Current,
VGS @ -10V (Note1)
ID@TA=70°C
-3.1
-2.7
A
Pulsed Drain Current (Note2)
IDM
-17
A
Total Power Dissipation (Note3)
PD@TA=25°C
1.32
1
W
Total Power Dissipation (Note3)
PD@TA=70°C
0.84
0.64
W
Storage Temperature Range
TSTG
-55 to 150
°C
Operating Junction Temperature Range
TJ
-55 to 150
°C
Note 1: The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
Note 2: The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
Note 3: The power dissipation is limited by 150°C junction temperature
Thermal Data
Characteristics
Symbol Min Typ Max Units
Thermal Resistance Junction-Ambient (Note1)
RθJA
-
-
125 °C/W
Thermal Resistance Junction-Ambient (Note1) (t ≤10s)
RθJA
-
-
95 °C/W
Thermal Resistance Junction-Case (Note1)
RθJC
-
-
80 °C/W
Note 1: The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com