Electronic Components Datasheet Search
  English  ▼

X  

AM4953 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AM4953
Description  -30V Dual P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM4953 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AM4953 Datasheet HTML 1Page - AXElite technology co. ltd AM4953 Datasheet HTML 2Page - AXElite technology co. ltd AM4953 Datasheet HTML 3Page - AXElite technology co. ltd AM4953 Datasheet HTML 4Page - AXElite technology co. ltd AM4953 Datasheet HTML 5Page - AXElite technology co. ltd AM4953 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
-
-
-
-
-
-
AM4953
-30V Dual P-Channel Enhancement Mode MOSFET
DESCRIPTION
The
AM4953
is
the
Dual
P-Channel
logic
enhancement mode power field effect transistors
are produced using high cell density, DMOS trench
technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application, notebook computer power management
and other battery powered circuits where high-side
switching.
FEATURE
-30V/-5.2A, RDS(ON) < 60mΩ@VGS = -10V
-30V/-4.5A, RDS(ON) <90mΩ@VGS = -4.5V
Super high density cell design for extremely low
RDS(ON)
Exceptional on-resistance and maximum DC
current capability
Full RoHS compliance
SOP-8 package design
APPLICATIONS
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
-
-
-
-
-
-
-
PIN CONFIGURATION
S1
D1
G1
S2
D2
G2
1
2
3
4
5
6
7
8
D1 D1 D2 D2
S1 G1 S2 G2
TOP VIEW
SOP-8
P-Channel
P-Channel
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Sep.14, 2012


Similar Part No. - AM4953

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
AiT Semiconductor Inc.
AM4953 AITSEMI-AM4953 Datasheet
801Kb / 9P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
logo
BCD Semiconductor Manuf...
AM4953FM-G1 BCDSEMI-AM4953FM-G1 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953FM-G1 DIODES-AM4953FM-G1 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
More results

Similar Description - AM4953

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
210Kb / 7P
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
MAY 2007
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com