Electronic Components Datasheet Search
  English  ▼

X  

AM4953 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AM4953
Description  -30V Dual P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM4953 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AM4953 Datasheet HTML 1Page - AXElite technology co. ltd AM4953 Datasheet HTML 2Page - AXElite technology co. ltd AM4953 Datasheet HTML 3Page - AXElite technology co. ltd AM4953 Datasheet HTML 4Page - AXElite technology co. ltd AM4953 Datasheet HTML 5Page - AXElite technology co. ltd AM4953 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
AM4953
PART MARKING INFORMATION
Package
S : SOP-8
Packing
Blank : Tube
A : Taping
AM4953X- X
YY: Year Code WW: Week Code
A: Internal Code
AM4953
YYWWA
MARKING
Packing
Package
PART MARKING INFORMATION
Part Number
Package Code
Package
Shipping
AM4953S-A
S
SOP-8
2500 /Tape&Reel
Year Code : 00 ~ 99
※
※
Week Code : 01~52
※
SOP-8 : Only available in tape and reel packaging. (A reel contains 2500 devices)
G : Lead
※
-free product. This product is RoHS compliant
ABSOLUTE MAXIMUM RATINGS (TA = 25℃ Unless otherwise noted )
Symbol
Parameter
Typical
Unit
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current (TJ=150℃)
VGS = -10V
-5.2
A
IDM
Pulsed Drain Current
-20
A
IS
Continuous Source Current (Diode Conduction)
-2.4
A
TJ
Operation Junction Temperature
-55~150
℃
TSTG
Storage Temperature Range
-55~150
℃
PD
Power Dissipation
TA=25℃
TA=70℃
2.8
1.8
W
RθJA
Thermal Resistance-Junction to Ambient
70
℃
/W
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Sep.14, 2012



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com