Electronic Components Datasheet Search
  English  ▼

X  

AM6008 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AM6008
Description  N-Ch 100V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM6008 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AM6008 Datasheet HTML 1Page - AXElite technology co. ltd AM6008 Datasheet HTML 2Page - AXElite technology co. ltd AM6008 Datasheet HTML 3Page - AXElite technology co. ltd AM6008 Datasheet HTML 4Page - AXElite technology co. ltd AM6008 Datasheet HTML 5Page - AXElite technology co. ltd AM6008 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.0 Apr.29, 2019
AM6008S
N-Ch 100V Fast Switching MOSFETs
GENERAL DESCRIPTION
The AM6008 is the high cell density trenched N-ch MOSFETs, which provide excellent
RDSON and gate charge for most of the Synchronous Rectification for AC/DC Quick Charger.
FEATURES
-
100% EAS Guaranteed
-
Low RDS(ON)
-
Low Gate Charge
-
RoHs and Halogen-Free Compliant
Product Summary
BVDSS
RDSON
ID
100V
8m
Ω
13.5A
SOP8 Pin Configuration


Similar Part No. - AM6008

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AM6008 AXELITE-AM6008 Datasheet
664Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.26, 2019
AM6008P8C AXELITE-AM6008P8C Datasheet
664Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.26, 2019
AM6008P8CA AXELITE-AM6008P8CA Datasheet
664Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.26, 2019
More results

Similar Description - AM6008

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD0016 UNITPOWER-UD0016 Datasheet
728Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN0014 PACELEADER-PKN0014 Datasheet
1Mb / 5P
N-Ch 100V Fast Switching MOSFETs
logo
uPI Group Inc.
QM0008D UPI-QM0008D Datasheet
259Kb / 4P
N-Ch 100V Fast Switching MOSFETs
QM0018AB UPI-QM0018AB Datasheet
257Kb / 4P
N-Ch 100V Fast Switching MOSFETs
QM0014D UPI-QM0014D Datasheet
235Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
SHIKUES Electronics
SK14N10-P8 SKTECHNOLGY-SK14N10-P8 Datasheet
983Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA0020A FETEK-FKBA0020A Datasheet
653Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKD0032 FETEK-FKD0032 Datasheet
666Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKD0048 FETEK-FKD0048 Datasheet
689Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : B
FKH0016 FETEK-FKH0016 Datasheet
760Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com