Electronic Components Datasheet Search
  English  ▼

X  

STP8NM60D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP8NM60D
Description  N-CHANNEL 600V - 0.9廓 - 8A - TO-220/D2PAK Fast Diode MDmesh??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60D Datasheet(HTML) 3 Page - STMicroelectronics

  STP8NM60D Datasheet HTML 1Page - STMicroelectronics STP8NM60D Datasheet HTML 2Page - STMicroelectronics STP8NM60D Datasheet HTML 3Page - STMicroelectronics STP8NM60D Datasheet HTML 4Page - STMicroelectronics STP8NM60D Datasheet HTML 5Page - STMicroelectronics STP8NM60D Datasheet HTML 6Page - STMicroelectronics STP8NM60D Datasheet HTML 7Page - STMicroelectronics STP8NM60D Datasheet HTML 8Page - STMicroelectronics STP8NM60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STB8NM60D - STP8NM60D
Electrical characteristics
Rev2
3/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown
Voltage
ID = 250µA, VGS= 0
600
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
VDS = Max Rating,Tc=125°C
1
10
µA
µA
IGSS
Gate Body Leakage Current
(VDS = 0)
VGS = ±30V, VDS = 0
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250µA
345
V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10V, ID=2.5A
0.9
1
Ω
Table 5.
Dynamic
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward Transconductance
VDS =ID(on) x RDS(on)max
ID = 2.5A
2.4
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS =25V, f=1 MHz, VGS=0
380
170
14
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent Ouput
Capacitance
VGS=0, VDS =0V to 480V
60
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=400V, ID = 5A
VGS =10V
(see Figure 13)
15
4
8
18
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com