Electronic Components Datasheet Search
  English  ▼

X  

STP8NM60D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP8NM60D
Description  N-CHANNEL 600V - 0.9廓 - 8A - TO-220/D2PAK Fast Diode MDmesh??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60D Datasheet(HTML) 4 Page - STMicroelectronics

  STP8NM60D Datasheet HTML 1Page - STMicroelectronics STP8NM60D Datasheet HTML 2Page - STMicroelectronics STP8NM60D Datasheet HTML 3Page - STMicroelectronics STP8NM60D Datasheet HTML 4Page - STMicroelectronics STP8NM60D Datasheet HTML 5Page - STMicroelectronics STP8NM60D Datasheet HTML 6Page - STMicroelectronics STP8NM60D Datasheet HTML 7Page - STMicroelectronics STP8NM60D Datasheet HTML 8Page - STMicroelectronics STP8NM60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB8NM60D - STP8NM60D
4/13
Rev2
Table 6.
Switching times
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD=300V, ID=2.5A,
RG=4.7Ω, VGS=10V
(see Figure 12)
13
10
26
8
ns
ns
ns
ns
td(off)
tf
tc
Turn-off Delay Time
Fall Time
Cross-over Time
VDD=480V, ID=5A,
RG=4.7Ω, VGS=10V
(see Figure 12)
8
8
14
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain Current
Source-drain Current
(pulsed)
5
20
A
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on Voltage
ISD=5A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=5A, di/dt = 100A/µs,
VDD=50 V, Tj=25°C
107
330
6
ns
nC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=5A, di/dt = 100A/µs,
VDD=50 V, Tj=150°C
178
640
7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com