Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT08 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT08
Description  SNx4ACT08 Quadruple 2-Input Positive-AND Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT08 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT08 Datasheet HTML 2Page - Texas Instruments SN74ACT08 Datasheet HTML 3Page - Texas Instruments SN74ACT08 Datasheet HTML 4Page - Texas Instruments SN74ACT08 Datasheet HTML 5Page - Texas Instruments SN74ACT08 Datasheet HTML 6Page - Texas Instruments SN74ACT08 Datasheet HTML 7Page - Texas Instruments SN74ACT08 Datasheet HTML 8Page - Texas Instruments SN74ACT08 Datasheet HTML 9Page - Texas Instruments SN74ACT08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
4.7 Typical Characteristics
TA = 25°C (unless otherwise noted)
VCC (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
25 °C
125 °C
-40 °C
Figure 4-1. Supply Current Across Supply Voltage
IOL (mA)
0
5
10
15
20
25
30
35
40
45
50
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
25°C
125°C
-40°C
Figure 4-2. Output Voltage vs Current in LOW State; 5V Supply
SN54ACT08, SN74ACT08
SCAS535E – SEPTEMBER 1995 – REVISED FEBRUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54ACT08 SN74ACT08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com