Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT08
Description  SNx4ACT08 Quadruple 2-Input Positive-AND Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT08 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT08 Datasheet HTML 1Page - Texas Instruments SN74ACT08 Datasheet HTML 2Page - Texas Instruments SN74ACT08 Datasheet HTML 3Page - Texas Instruments SN74ACT08 Datasheet HTML 4Page - Texas Instruments SN74ACT08 Datasheet HTML 5Page - Texas Instruments SN74ACT08 Datasheet HTML 6Page - Texas Instruments SN74ACT08 Datasheet HTML 7Page - Texas Instruments SN74ACT08 Datasheet HTML 8Page - Texas Instruments SN74ACT08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SNx4ACT08 Quadruple 2-Input Positive-AND Gates
1 Features
• 4.5V to 5.5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 10ns at 5V
• Inputs are TTL-voltage compatible
2 Description
The SNx4ACT08 devices are quadruple 2-input
positive-AND gates. These devices perform the
Boolean functions Y = A • B or Y = A + B in positive
logic.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4ACT08
BQA (WQFN, 14)
3mm x 2.5mm
3mm x 2.5mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35mm
NS (SOP, 14)
12.60mm × 7.8mm
12.60mm × 5.30mm
DB (SSOP, 14)
6.20mm × 7.8mm
6.20mm × 5.30mm
PW (TSSOP, 14)
5.00mm × 6.4mm
5.00mm × 4.40mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.91mm
J (CDIP, 14)
19.56mm × 7.9mm
19.56mm × 6.67mm
W (CFP , 14)
9.21mm x 9mm
9.21mm × 6.3mm
FK (LCCC , 20)
8.9mm × 8.9mm
8.9mm × 8.9mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Y
A
B
Logic Diagram, Each Gate (Positive Logic)
SN54ACT08, SN74ACT08
SCAS535E – SEPTEMBER 1995 – REVISED FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT08 TI-SN74ACT08 Datasheet
79Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74ACT08 TI-SN74ACT08 Datasheet
512Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74ACT08 TI-SN74ACT08 Datasheet
664Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74ACT08 TI-SN74ACT08 Datasheet
692Kb / 17P
QUADROPLE 2-INPUT POSITIVE - AND GATES
SN74ACT08 TI1-SN74ACT08 Datasheet
790Kb / 21P
SN74ACT08-Q1 Quadruple 2-Input AND Gates With TTL-Compatible Inputs
MARCH 2024
More results

Similar Description - SN74ACT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com