Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40MHz, 1pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA328DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA328DBVR Datasheet HTML 17Page - Texas Instruments OPA328DBVR Datasheet HTML 18Page - Texas Instruments OPA328DBVR Datasheet HTML 19Page - Texas Instruments OPA328DBVR Datasheet HTML 20Page - Texas Instruments OPA328DBVR Datasheet HTML 21Page - Texas Instruments OPA328DBVR Datasheet HTML 22Page - Texas Instruments OPA328DBVR Datasheet HTML 23Page - Texas Instruments OPA328DBVR Datasheet HTML 24Page - Texas Instruments OPA328DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Figure 7-4 shows that the key elements to a transimpedance design are the:
• Expected diode capacitance (CD), including the parasitic input common-mode voltage and differential-mode
input capacitance
• Desired transimpedance gain (RF)
• Gain-bandwidth (GBW) = 40 MHz
With these three variables set, the feedback capacitor (CF) value can be set to control the frequency response.
CF includes the stray capacitance of RF, which is 0.2 pF for a typical surface-mount resistor.
+
–
V+
Amp
VOUT
RF
10 M
CD
CF
V–
NOTE: CF is optional to prevent gain peaking, and includes the stray capacitance of RF.
Figure 7-4. Dual-Supply Transimpedance Amplifier
For an optimized frequency response, use Equation 6 to set the feedback pole:
2 R C
p
F
F
1
4 R C
p
F
D
GBW
=
(6)
Equation 7 calculates the bandwidth:
f
-
3dB =
2 R C
p
F
D
GBW
(Hz)
(7)
For single-supply applications, the +IN input can be biased with a positive dc voltage to allow the output to reach
true zero when the photodiode is not exposed to any light, and respond without the added delay that results from
coming out of the negative rail. Figure 7-5 shows this configuration. This bias voltage also appears across the
photodiode, providing a reverse bias for faster operation.
+
–
V+
Amp
VOUT
RF
10 M
CF
VBIAS
NOTE: CF is optional to prevent gain peaking, and includes the stray capacitance of RF.
Figure 7-5. Single-Supply Transimpedance Amplifier
For more information, see the Compensate Transimpedance Amplifiers Intuitively application report.
www.ti.com
OPA328, OPA2328
SBOS957E – FEBRUARY 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com