Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40MHz, 1pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA328DBVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA328DBVR Datasheet HTML 20Page - Texas Instruments OPA328DBVR Datasheet HTML 21Page - Texas Instruments OPA328DBVR Datasheet HTML 22Page - Texas Instruments OPA328DBVR Datasheet HTML 23Page - Texas Instruments OPA328DBVR Datasheet HTML 24Page - Texas Instruments OPA328DBVR Datasheet HTML 25Page - Texas Instruments OPA328DBVR Datasheet HTML 26Page - Texas Instruments OPA328DBVR Datasheet HTML 27Page - Texas Instruments OPA328DBVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
8.2 Documentation Support
8.2.1 Related Documentation
The following documents are recommended as a reference for this device, and available for download at
www.ti.com:
• Texas Instruments, Software Pacemaker Detection design guide
• Texas Instruments, TIDA-00378 Schematic and Block Diagram
• Texas Instruments, PM2.5/PM10 Particle Sensor Analog Front-End for Air Quality Monitoring Design design
guide
• Texas Instruments, QFN/SON PCB Attachment application note
• Texas Instruments, Quad Flatpack No-Lead Logic Packages application note
• Texas Instruments, Compensate Transimpedance Amplifiers Intuitively application note
• Texas Instruments, Noise Analysis of FET Transimpedance Amplifiers application note
• Texas Instruments, Noise Analysis for High-Speed Op Amps application note
8.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.5 Trademarks
e
‑trim™, TINA-TI™, and TI E2E™ are trademarks of Texas Instruments.
TINA™ is a trademark of DesignSoft, Inc.
PSpice® is a registered trademark of Cadence Design Systems, Inc.
All trademarks are the property of their respective owners.
8.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2023) to Revision E (January 2025)
Page
• Added OPA2328 YBJ package to Device Information .......................................................................................1
• Added OPA2328 YBJ (WCSP, 24) pin configuration and pin functions table..................................................... 3
• Added YBJ (DSBGA) package to Thermal Information - OPA2328 .................................................................. 7
OPA328, OPA2328
SBOS957E – FEBRUARY 2022 – REVISED JANUARY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com