Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT04D
Description  SNx4ACT04 Hex Inverters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT04D Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT04D Datasheet HTML 1Page - Texas Instruments SN74ACT04D Datasheet HTML 2Page - Texas Instruments SN74ACT04D Datasheet HTML 3Page - Texas Instruments SN74ACT04D Datasheet HTML 4Page - Texas Instruments SN74ACT04D Datasheet HTML 5Page - Texas Instruments SN74ACT04D Datasheet HTML 6Page - Texas Instruments SN74ACT04D Datasheet HTML 7Page - Texas Instruments SN74ACT04D Datasheet HTML 8Page - Texas Instruments SN74ACT04D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
4 Pin Configuration and Functions
Figure 4-1. SN54ACT04 J or W Package;
SN74ACT04 D, DB, N, NS, or PW Package (Top
View)
1Y
2A
2Y
3A
3Y
GND
6A
6Y
5A
5Y
4A
4Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 4-2. BQA Package, 14-Pin WQFN (Top View)
Figure 4-3. SN54ACT04 FK Package (Top View)
Table 4-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
BQA, D,
DB, N, NS,
PW, J, or W
FK
1A
1
2
Input
Channel 1, Input A
1Y
2
3
Output
Channel 1, Output Y
2A
3
4
Input
Channel 2, Input A
2Y
4
6
Output
Channel 2, Output Y
3A
5
8
Input
Channel 3, Input A
3Y
6
9
Output
Channel 3, Output Y
GND
7
10
—
Ground
4Y
8
12
Output
Channel 4, Output Y
4A
9
13
Input
Channel 4, Input A
5Y
10
14
Output
Channel 5, Output Y
5A
11
16
Input
Channel 5, Input A
6Y
12
18
Output
Channel 6, Output Y
6A
13
19
Input
Channel 6, Input A
VCC
14
20
—
Positive Supply
www.ti.com
SN54ACT04, SN74ACT04
SCAS518F – JULY 1995 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT04 SN74ACT04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com