Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT04D
Description  SNx4ACT04 Hex Inverters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT04D Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT04D Datasheet HTML 1Page - Texas Instruments SN74ACT04D Datasheet HTML 2Page - Texas Instruments SN74ACT04D Datasheet HTML 3Page - Texas Instruments SN74ACT04D Datasheet HTML 4Page - Texas Instruments SN74ACT04D Datasheet HTML 5Page - Texas Instruments SN74ACT04D Datasheet HTML 6Page - Texas Instruments SN74ACT04D Datasheet HTML 7Page - Texas Instruments SN74ACT04D Datasheet HTML 8Page - Texas Instruments SN74ACT04D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
SNx4ACT04 Hex Inverters
1 Features
• VCC operation of 4.5V to 5.5V
• Inputs accept voltages to 5.5V
• Max tpd of 8.5ns at 5V
• Inputs are TTL-voltage compatible
2 Applications
• Synchronize inverted clock inputs
• Debounce a switch
• Invert a digital signal
3 Description
The
‘ACT04
devices
contain
six
independent
inverters. The devices perform the Boolean function
Y = A.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN54ACT04
J (CDIP, 14)
19.56mm × 7.9mm 19.56mm × 6.67mm
W (CFP, 14)
9.21mm × 9.02mm 9.21mm × 6.3mm
FK (LCCC, 20)
8.89mm × 8.89mm 8.89mm × 8.89mm
SN74ACT04
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
DB (SSOP, 14)
6.2mm x 7.8mm
6.2mm x 5.3mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
N (PDIP, 14)
19.3mm × 6.35mm 19.3mm × 9.4mm
NS (SOP, 14)
10.2mm x 7.8mm
10.3mm x 5.3mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
SN54ACT04, SN74ACT04
SCAS518F – JULY 1995 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT04D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT04D TI-SN74ACT04D Datasheet
509Kb / 15P
HEX INVERTERS
SN74ACT04D TI-SN74ACT04D Datasheet
657Kb / 17P
HEX INVERTERS
SN74ACT04D TI-SN74ACT04D Datasheet
656Kb / 17P
HEX INVERTERS
SN74ACT04D TI1-SN74ACT04D Datasheet
1Mb / 20P
HEX INVERTERS
SN74ACT04D TI-SN74ACT04D Datasheet
1Mb / 34P
SNx4ACT04 Hex Inverters
NOVEMBER 2024
More results

Similar Description - SN74ACT04D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com