Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT11 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SNx4ACT11 Triple 3-Input AND Gates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT11 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT11 Datasheet HTML 1Page - Texas Instruments SN74ACT11 Datasheet HTML 2Page - Texas Instruments SN74ACT11 Datasheet HTML 3Page - Texas Instruments SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3 Pin Configuration and Functions
Figure 3-1. SN54ACT11 W Package; SN74ACT11 D,
DB, N, or PW Package (Top View)
Thermal
Pad
2
1B
3
2A
4
2B
5
2C
6
2Y
9
3C
10
3B
11
3A
12
1Y
13
1C
Not to scale
Figure 3-2. BQA Package, 14-Pin WQFN (Top View)
Figure 3-3. SN54ACT11 FK Package (Top View)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
1A
1
I
Channel 1, Input A
1B
2
I
Channel 1, Input B
2A
3
I
Channel 2, Input A
2B
4
I
Channel 2, Input B
2C
5
I
Channel 2, Input C
2Y
6
O
Channel 2, Output Y
GND
7
G
Ground
3Y
8
O
Channel 3, Output Y
3C
9
I
Channel 3, Input A
3B
10
I
Channel 3, Input B
3A
11
I
Channel 3, Input C
1Y
12
O
Channel 1, Output Y
www.ti.com
SN54ACT11, SN74ACT11
SCAS531E – AUGUST 1995 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT11 SN74ACT11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com