Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT11 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SNx4ACT11 Triple 3-Input AND Gates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT11 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT11 Datasheet HTML 1Page - Texas Instruments SN74ACT11 Datasheet HTML 2Page - Texas Instruments SN74ACT11 Datasheet HTML 3Page - Texas Instruments SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SNx4ACT11 Triple 3-Input AND Gates
1 Features
• 4.5V to 5.5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 10.5ns at 5V
• Inputs are TTL-voltage compatible
2 Description
The SNx4ACT11 device contains three independent
3-input AND gates. These devices perform the
Boolean function Y = A • B • C in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4ACT11
BQA (WQFN, 14)
3mm x 2.5mm
3mm x 2.5mm
DB (SSOP, 14)
6.2mm x 7.8mm
6.2mm x 5.3mm
D (SOIC, 14)
8.65mm x 6mm
8.65 mm x 3.9mm
N (PDIP, 14)
19.3mm x 9.4mm
19.3mm x 6.3 mm
PW (TSSOP, 14)
5mm x 6.4mm
5mm x 4.4mm
W (CFP , 14)
9.21mm x 9mm
9.21mm x 6.28mm
FK, (LCCC , 14)
8.9mm x 8.9mm
8.9mm x 8.9mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram, Each Gate (Positive Logic)
SN54ACT11, SN74ACT11
SCAS531E – AUGUST 1995 – REVISED FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT11 TI-SN74ACT11 Datasheet
79Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11 TI1-SN74ACT11 Datasheet
988Kb / 18P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11 TI-SN74ACT11 Datasheet
1Mb / 25P
SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
FEBRUARY 2025
SN74ACT11-Q1 TI-SN74ACT11-Q1 Datasheet
1Mb / 25P
SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
FEBRUARY 2025
SN74ACT11244DWR TI-SN74ACT11244DWR Datasheet
625Kb / 14P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ACT11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
Triple 3-Input AND Gates
logo
Texas Instruments
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
TRIPLE 3-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
logo
Panasonic Semiconductor
MN4073B PANASONIC-MN4073B Datasheet
115Kb / 2P
TRIPLE 3-INPUT AND GATES
logo
Texas Instruments
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
TRIPLE 3-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74HC11 RENESAS-HD74HC11 Datasheet
84Kb / 7P
Triple 3-input AND Gates
logo
Aeroflex Circuit Techno...
UT54ACS11 AEROFLEX-UT54ACS11 Datasheet
228Kb / 9P
Triple 3-Input AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com