Electronic Components Datasheet Search
  English  ▼

X  

2SC6061 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC6061
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6061 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC6061 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6061 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6061 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6061 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6061 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC6061
2006-11-13
4
1000
1
0.001
1000
0.01
0.1
1
10
100
10
100
rth – tw
Pulse width tw (s)
Curves apply only to limited areas of
thermal resistance.
Single non-repetitive pulse Ta
= 25°C
Mounted on an FR4 board (glass-epoxy;
1.6 mm thick; Cu area, 645 mm
2)
Safe Operating Area
0.001
10
0.1
10
1000
1
0.01
1
100
0.1
VCEO max
IC max (パルス)*
IC max (連続)
直流動作
*
Ta = 25 °C
100 ms※*
1 ms※
10 s※*
10 μs※
10 ms※
100 ms※
Collector -emitter voltage VCE (V)
※
Single non-repetitive pulse
Ta
= 25°C
Note that the curves for 100
ms, 10 s and DC operation
will be different when the
devices aren’t mounted on an
FR4 board (glass-epoxy, 1.6
mm thick, Cu area: 645 mm
2).
Single-device operation
These characteristic curves
must be de-rated linearly with
increase in temperature.
μs
(continuous)
IC max (pulsed)*
DC operation
IC max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com