Electronic Components Datasheet Search
  English  ▼

X  

2SJ313 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ313
Description  Audio Frequency Power Amplifier Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ313 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ313 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SJ313
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ313
Audio Frequency Power Amplifier Application
High breakdown voltage: VDSS = −180 V
High forward transfer admittance: |Yfs| = 0.7 S (typ.)
Complementary to 2SK2013
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
−180
V
Gate−source voltage
VGSS
±20
V
Drain current
(Note 1)
ID
−1
A
Power dissipation (Tc = 25°C)
PD
25
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - 2SJ313

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ313 TOSHIBA-2SJ313 Datasheet
160Kb / 3P
P CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
2SJ313 TOSHIBA-2SJ313 Datasheet
248Kb / 5P
Audio Frequency Power Amplifier Application
2SJ313 TOSHIBA-2SJ313 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SJ313 ISC-2SJ313 Datasheet
348Kb / 2P
isc P-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SJ313 TOSHIBA-2SJ313_09 Datasheet
248Kb / 5P
Audio Frequency Power Amplifier Application
More results

Similar Description - 2SJ313

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ440 TOSHIBA-2SJ440_07 Datasheet
131Kb / 3P
Audio Frequency Power Amplifier Application
2SB906 TOSHIBA-2SB906_07 Datasheet
160Kb / 4P
Audio Frequency Power Amplifier Application
2SB906 TOSHIBA-2SB906_10 Datasheet
164Kb / 4P
Audio Frequency Power Amplifier Application
2SD1221 TOSHIBA-2SD1221_10 Datasheet
156Kb / 4P
Audio Frequency Power Amplifier Application
2SJ313 TOSHIBA-2SJ313_09 Datasheet
248Kb / 5P
Audio Frequency Power Amplifier Application
2SK2013 TOSHIBA-2SK2013_09 Datasheet
271Kb / 4P
Audio Frequency Power Amplifier Application
logo
KODENSHI_AUK CORP.
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
2SC5344S KODENSHI-2SC5344S Datasheet
285Kb / 4P
Audio power amplifier application
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
logo
Toshiba Semiconductor
2SJ440 TOSHIBA-2SJ440 Datasheet
113Kb / 2P
audio frequency power amplifier application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com