Electronic Components Datasheet Search
  English  ▼

X  

2906800 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2906800
Description  TTC-6-2-24DC-UT - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906800 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2906800 Datasheet HTML 1Page - PHOENIX CONTACT 2906800 Datasheet HTML 2Page - PHOENIX CONTACT 2906800 Datasheet HTML 3Page - PHOENIX CONTACT 2906800 Datasheet HTML 4Page - PHOENIX CONTACT 2906800 Datasheet HTML 5Page - PHOENIX CONTACT 2906800 Datasheet HTML 6Page - PHOENIX CONTACT 2906800 Datasheet HTML 7Page - PHOENIX CONTACT 2906800 Datasheet HTML 8Page - PHOENIX CONTACT 2906800 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Altitude
≤ 4000 m (amsl)
Permissible humidity (operation)
5 % ... 95 %
Standards and regulations
Standards/specifications
IEC 61643-21
Note
2000 + corrigendum 2001 + A1:2008, modified + A2:2012
EN 61643-21
Standards/specifications
EN 61643-21
Note
2001 + A1:2009 + A2:2013
Mounting
Mounting type
DIN rail: TH 35 - 7.5 mm
TTC-6-2-24DC-UT - Surge protection device
2906800
https://www.phoenixcontact.com/us/products/2906800
Apr 2, 2025, 8:09 AM
Page 4 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com