Electronic Components Datasheet Search
  English  ▼

X  

2906800 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2906800
Description  TTC-6-2-24DC-UT - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906800 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2906800 Datasheet HTML 1Page - PHOENIX CONTACT 2906800 Datasheet HTML 2Page - PHOENIX CONTACT 2906800 Datasheet HTML 3Page - PHOENIX CONTACT 2906800 Datasheet HTML 4Page - PHOENIX CONTACT 2906800 Datasheet HTML 5Page - PHOENIX CONTACT 2906800 Datasheet HTML 6Page - PHOENIX CONTACT 2906800 Datasheet HTML 7Page - PHOENIX CONTACT 2906800 Datasheet HTML 8Page - PHOENIX CONTACT 2906800 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Drawings
Dimensional drawing
105,8
6,2+0,1
Schematic diagram
TTC-6-2-...DC-...
Category
PFDAVG
PFH
1.01x10-5
1.80x10-9 1/h
Used budget
of SIL 2 SIF
1oo1 architecture, HFT=0
1oo2 architecture, HFT=1
PFDAVG
PFH
Used budget
of SIL 3 SIF
CCF
PFDAVG
PFH
0.1%
0.2 %
5.06x10-7
1.01x10-6
9.00x10-11 1/h
1.80x10-10 1/h
5 %
10 %
0.1 %
0.1 %
0.1%
0.2 %
Calculation based on exida report, Phoenix Contact 16/06-072 R023 V3R1
exida Profile 1, FMEDA Analysis 2, Tproof: 1 year, MT: 10 years, MTTR: 24 hours, PTC: 99%
Used standards
IEC/EN 61508, edition 2010 (device specific)
IEC/EN 61511, edition 2016 + COR1:2016 + A1:2017 (system specific)
PFDAVG
PFH
Functional safety scenarios
Diagram
400
200
600
80
40
50
60
70
T [°C]
90
TTC-6-2-24DC-UT - Surge protection device
2906800
https://www.phoenixcontact.com/us/products/2906800
Apr 2, 2025, 8:09 AM
Page 5 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com