Electronic Components Datasheet Search
  English  ▼

X  

ADF5612CCCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 6Page - Analog Devices ADF5612CCCZ Datasheet HTML 7Page - Analog Devices ADF5612CCCZ Datasheet HTML 8Page - Analog Devices ADF5612CCCZ Datasheet HTML 9Page - Analog Devices ADF5612CCCZ Datasheet HTML 10Page - Analog Devices ADF5612CCCZ Datasheet HTML 11Page - Analog Devices ADF5612CCCZ Datasheet HTML 12Page - Analog Devices ADF5612CCCZ Datasheet HTML 13Page - Analog Devices ADF5612CCCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Data Sheet
ADF5612
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 48
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
42
SDIO
Serial Data Input/Output; CMOS Input and Output. When configured as an input, the SPI uses this CMOS input for data. In
3-wire mode (default mode), the SDIO pin outputs data from the SPI during a read communication burst.
43
CSB
Serial Port Chip Select. This CMOS input initiates a SPI communication burst when driven low, ending the burst when
driven back high.
44
CEN
Chip Enable. This CMOS input enables the device when driven high. A logic low disables the device, putting the device in
a full power-down state causing the register to reset.
46
DVDD
3.3V ± 5% Digital Power Supply. Retain bias to hold the PLL register contents when powering down the PLL.
48
XREFP
External Reference Input. For 50Ω match, AC couple to the XREFP pin using a low reactant capacitor value and add a
50Ω resistor to ground.
EPAD
Exposed Pad. The exposed pad or ground paddle on the backside of the package must be tied to DC ground for electrical,
mechanical, and thermal reasons. Note that RF ground and DC ground are the same in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com