Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM8053
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM8053 Datasheet HTML 30Page - Analog Devices LTM8053 Datasheet HTML 31Page - Analog Devices LTM8053 Datasheet HTML 32Page - Analog Devices LTM8053 Datasheet HTML 33Page - Analog Devices LTM8053 Datasheet HTML 34Page - Analog Devices LTM8053 Datasheet HTML 35Page - Analog Devices LTM8053 Datasheet HTML 36Page - Analog Devices LTM8053 Datasheet HTML 37Page - Analog Devices LTM8053 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
34 of 43
Typical Applications
Figure 69. 8.5V to 40V Input to 5V at 3A (4A Peak), 3.3V at 3A (4A Peak), 5V at 3A (4A Peak), and 3.3V at 3A (4A Peak)
*Output current capability (transient peak or continuous) is subject to environmental factors such as ambient
temperature, airflow, or other cooling techniques. For different VIN, VOUT, and TA conditions, see the notes section
(Note 3) of the Electrical Characteristics table and the derating curves in the Applications Information section.
4.7µF
14.7kΩ
47µF
47.5kΩ
47µF
78.7kΩ
14.7kΩ
47µF
47.5kΩ
47µF
78.7kΩ
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW = 2MHz
VOUT1
VIN
FB1
AUX1
BIAS12
GND
VOUT2
VOUT3
VOUT4
8.5V TO 40V
VIN34
RUN3
RT34
SYNC34
fSW= 2MHz
4×
VOUT1
5V
UP TO 3A*
(4A PK)
FB2
FB3
FB4
PINS NOT USED:
AUX2, AUX4, TRSS1
TRSS2, TRSS3, TRSS4,
SHARE1, SHARE2,
SHARE3, SHARE4,
PG1, PG2, PG3,
PG4, CLKOUT12,
CLKOUT34
VOUT2
3.3V
UP TO 3A*
(4A PK)
VOUT3
5V
UP TO 3A*
(4A PK)
VOUT4
3.3V
UP TO 3A*
(4A PK)
RUN4
AUX3
BIAS34
LTM8060F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com