Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8053
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8053 Datasheet HTML 18Page - Analog Devices LTM8053 Datasheet HTML 19Page - Analog Devices LTM8053 Datasheet HTML 20Page - Analog Devices LTM8053 Datasheet HTML 21Page - Analog Devices LTM8053 Datasheet HTML 22Page - Analog Devices LTM8053 Datasheet HTML 23Page - Analog Devices LTM8053 Datasheet HTML 24Page - Analog Devices LTM8053 Datasheet HTML 25Page - Analog Devices LTM8053 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
22 of 43
Figure 52. LTM8060F Simplified Block Diagram
The LTM8060F contains power good comparators that trip when the FBn pin is at about ±8% of its regulated value.
The PGn output is an open-drain transistor that is off when the output is in regulation, allowing an external resistor
to pull the PGn pin high.
The LTM8060F is equipped with a thermal shutdown that inhibits power switching at high junction temperatures.
The activation threshold of this function is above the maximum temperature rating to avoid interfering with normal
operation, so prolonged or repetitive operation under a condition in which the thermal shutdown activates may
damage or impair the reliability of the device.
10nF
249kΩ
10pF
0.1µF
1.5µH
10nF
249kΩ
10pF
0.1µF
249kΩ
10pF
0.1µF
10nF
249kΩ
10pF
0.1µF
1.5µH
1.5µH
1.5µH
VIN1
VOUT1
FB1
AUX1
CURRENT MODE
CONTROLLER
CURRENT MODE
CONTROLLER
CURRENT MODE
CONTROLLER
CURRENT MODE
CONTROLLER
HOUSEKEEPING
CIRCUITRY
TRSS1
RUN1
VIN2
VOUT2
FB2
AUX2
TRSS2
RUN2
VIN34
VOUT3
FB3
AUX3
HOUSEKEEPING
CIRCUITRY
TRSS3
RUN3
VOUT4
FB4
AUX4
TRSS4
RUN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com