Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4265
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4265 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4265 Datasheet HTML 3Page - Analog Devices LTC4265 Datasheet HTML 4Page - Analog Devices LTC4265 Datasheet HTML 5Page - Analog Devices LTC4265 Datasheet HTML 6Page - Analog Devices LTC4265 Datasheet HTML 7Page - Analog Devices LTC4265 Datasheet HTML 8Page - Analog Devices LTC4265 Datasheet HTML 9Page - Analog Devices LTC4265 Datasheet HTML 10Page - Analog Devices LTC4265 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
LTC9105
PIN CONFIGURATION AND FUNCTION
analog.com
Rev. A | 7 of 22
Figure 2. Pin Configuration
Table 5. Pin Function
Pin No.
Mnemonic
Description
1
VIN
PD Interface Supply Voltage. Positive input voltage for IEEE state machine and PD input voltage are referenced to this pin.
2
RSIG
External Signature Resistor Connection. Connect a 24.9kΩ resistor between RSIG and VIN.
4
RCLSA
Class Select Input. Connect a resistor between RCLSA and RTN per Table 6.
5
RCLSB
Class Select Input. Connect a resistor between RCLSB and RTN per Table 6.
6
AUX
Auxiliary Power Supply Input Sensing. This pin senses the presence of another power supply input. The AUX pin status is
reflected in the aux_status bit. The AUX pin threshold can be configured by the aux_thresh bit. See Dual-Input Prioritization
for a description of AUX pin behavior with respect to port or auxiliary priority.
8
SNSN
Current Sense Negative Input. System current is monitored using a 50mΩ sense resistor between SNSP and SNSN. See Sense
Resistor for kelvin sense requirements.
9
SNSP
Current Sense Positive Input. System current is monitored using a 50mΩ sense resistor between SNSP and SNSN. See Sense
Resistor for kelvin sense requirements.
10
GATE
External Hot Swap MOSFET Gate Control. Connect to gate of the external MOSFET.
11
SDAOUT
Serial Data Output. Open Drain Data Output for the I2C Serial Interface Bus. The LTC9105 uses two pins to implement the
bidirectional SDA function to simplify isolation of the I2C bus. To implement a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. See I2C Interface for more information.
13
PWRGD
Power Good Open Drain Output. During inrush this pin sinks 250μA (typ.) to prevent the power supply from starting up. Current
draw begins when VIN-RTN exceeds the VON threshold and continues for tPWRGD (93.75ms typ.). The PWRGD pin is high
impedance before and after inrush.
14
SCL
Serial Clock Input. High impedance clock input for the I2C serial interface bus. Internally pulled up to BYP through a 50kΩ (typ.)
resistor. See I2C Interface for more information.
15
SDAIN
Serial Data Input. High impedance data input for the I2C serial interface bus. The LTC9105 uses two pins to implement the
bidirectional SDA function to simplify isolation of the I2C bus. To implement a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. Internally pulled up to BYP through a 50kΩ (typ.) resistor.
See I2C Interface for more information.
16
AD0
I2C Chip Address Bit 0 Select. Use this pin to change the I2C chip address. Tie this pin to RTN to set I2C address bit AD0 to 0.
Tie this pin to BYP to set bit AD0 of the I2C chip address to 1. Internally pulled down to RTN through a 50kΩ (typ.) resistor.
See I2C Interface for more information.
17, 20
M[1:0]
PoE Minimum Power Select. Use these pins to set the minimum number of Mark events required to enable the external MOSFET
and power up the load. Tie high by connecting to BYP. Tie low by connecting to RTN. Internally pulled down to RTN through a
50kΩ (typ.) resistor.
18
BYP
Internal Power Supply Bypass. Connect a 1μF ceramic capacitor between this pin and RTN.
7, 19, 21 (Exposed Pad)
RTN
PD Interface Return Rail. Pin 21 (Exposed Pad) must be connected to pin 7, pin 19, and PCB heat sink.
3, 12
NC
No Connection. Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com