Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4265
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4265 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4265 Datasheet HTML 14Page - Analog Devices LTC4265 Datasheet HTML 15Page - Analog Devices LTC4265 Datasheet HTML 16Page - Analog Devices LTC4265 Datasheet HTML 17Page - Analog Devices LTC4265 Datasheet HTML 18Page - Analog Devices LTC4265 Datasheet HTML 19Page - Analog Devices LTC4265 Datasheet HTML 20Page - Analog Devices LTC4265 Datasheet HTML 21Page - Analog Devices LTC4265 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Data Sheet
LTC9105
TYPICAL APPLICATION
©2024-2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 22 of 22
Figure 26. LTC9105 IEEE 802.3bt Powered Device with Telemetry and Isolated I2C
RELATED PARTS
Table 12. Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
LTC9101-1/LTC9102/
LTC9103
48-Port IEEE 802.3bt PoE PSE Controller
Lowest in Industry Power Path Dissipation with 0.1Ω Sense, Transformer Isolated
Communications
LTC4292/LTC4291-1
4-Port IEEE 802.3bt PoE PSE Controller
Transformer Isolation, 14-bit Current Monitoring per Port with Programmable Current Limit,
Supports Type 1-4 PDs
MAX5996
IEEE 802.3bt-Compliant PD Controller
Power Telemetry and Power/Current Limit. Internal MOSFET.
MAX5995
IEEE 802.3bt-Compliant, PD Controller
Integrated 91W High-Power MOSFET
LT4293
LTPoE++®/IEEE 802.3bt PD Controller
External Switch, LTPoE++ and IEEE 802.3bt Support, Configurable Class and AUX Support
LT4294
IEEE 802.3bt PD Controller
External Switch, IEEE 802.3bt Support, Configurable Class and AUX Support
LT4295
IEEE 802.3bt PD with Forward/Flyback
Switching Regulator Controller
External Switch, Configurable Class, Forward or No-Opto Flyback Operation, Frequency, PG/SG
Delays, Soft-Start, and Aux Support as Low as 9V. Includes Housekeeping Buck, Slope
Compensation
LTC4290/LTC4271
8-Port PoE/PoE+/LTPoE++ PSE Controller
Transformer Isolation, Supports IEEE 802.3af, IEEE 802.3at and LTPoE++ PDs
LTC4263
Single IEEE 802.3af PSE Controller
Internal MOSFET Switch
LTC4265
IEEE 802.3at PD Controller
Internal 100V, 1A Switch, 2-Event Classification Recognition
LTC4266
Quad IEEE 802.3at PoE PSE Controller
With Programmable ICUT/ILIM, 2-Event Classification, and Port Current and Voltage Monitoring
LTC4267
IEEE 802.3af PD Controller with Integrated
Switching Regulator
Internal 100V, 400mA Switch, Dual Inrush Current, Programmable Class
LTC4270/LTC4271
12-Port PoE/PoE+/LTPoE++ PSE Controller
Transformer Isolation, Supports Type 1, Type 2 and LTPoE++ PDs
LTC4278
IEEE 802.3at PD Controller with Integrated
Flyback Switching Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller, 50kHz to
250kHz, 12V Aux Support
LTC4279
Single PoE/PoE+/LTPoE++ PSE Controller
Supports IEEE 802.3af, IEEE 802.3at, LTPoE++ and Proprietary PDs
MAX5974A/B/C/D
Active-Clamped, Spread-Spectrum, Current-
Mode PWM Controllers
Regulation Without Optocoupler (A/B Variants), Internal 1% Error Amplifier, Programmable PWM
Soft-Start
ADP1074
Isolated, Synchronous Forward Controller
with Active Clamp and iCoupler
®
Up to 5kV Dielectric Isolation, Wide Voltage Supply Range, Programmable Frequency (50kHz to
600kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com