Electronic Components Datasheet Search
  English  ▼

X  

14D511K Datasheet(PDF) 1 Page - TYEE Products Inc

Part # 14D511K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

14D511K Datasheet(HTML) 1 Page - TYEE Products Inc

  14D511K Datasheet HTML 1Page - TYEE Products Inc 14D511K Datasheet HTML 2Page - TYEE Products Inc 14D511K Datasheet HTML 3Page - TYEE Products Inc 14D511K Datasheet HTML 4Page - TYEE Products Inc 14D511K Datasheet HTML 5Page - TYEE Products Inc 14D511K Datasheet HTML 6Page - TYEE Products Inc 14D511K Datasheet HTML 7Page - TYEE Products Inc 14D511K Datasheet HTML 8Page - TYEE Products Inc 14D511K Datasheet HTML 9Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Varistor Specification
TYEE Varistor
Varistor are voltage dependent, nonlinear device which have an
electrical behavior similar to back-to-back zener diodes.
TYEE series zinc oxide varistor are nonlinear resistors, consisting
main of zinc oxide and several kinds of metal oxide additive.
They are bilateral and symmetrical V-I characteristics curve and
unparalleled large peak current capability are used for absorption
of transient voltage, suppression of pulse noise and circuit
voltage stabilization.
Applications
Features
● Surge Protection in consumer electronics
● Fast response
-- industrial electronics
● Excellent voltage ratio
-- telephone and telecommunication systems ● High stabilization for circuit voltage
-- automobile equipments
● Unparalleled absorption for transient voltage
-- measuring and controller systems
characteristics
-- electronic home appliances
● Bilateral and symmetrical V-I Characteristics
-- gas and petroleum appliances
curve
● Absorption of switching surge from various
kinds of relays and electro-magnetic valves.
● Electrostatic discharge an spike noise suppression.
● Protection of various kinds of transistors, diodes, ICs,
thyristors, triac semiconductors, and etc.
● Automobile control system such as transistorized ignition
system and electronic fuel injection system, and etc.
Related Standards
● UL1414, UL1449(2nd Edition), CSA, VDE
Explanation of Part Numbers
05
D
2
2
0
Element Dia.
Type
05
ψ5.0mm
D
Examples
K:±10%
07
ψ7.0mm
10
ψ10.0mm
22
× 100 = 22V
special
14
ψ14.0mm
18
ψ18.0mm
20
ψ20.0mm
22
× 101 = 220V
Varistor Voltage
requirement
Tolerance
K
or customer
2
2
0
2
2
1
TYEE Products Inc.
http://www.tyeeusa.com
Page : 1/15


Similar Part No. - 14D511K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
14D511K WPI-14D511K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
14D511K RUILON-14D511K Datasheet
763Kb / 7P
Metal Oxide Varistors
logo
Socay Electornics Co., ...
14D511K SOCAY-14D511K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
StarHope
14D511K SPSEMI-14D511K Datasheet
332Kb / 2P
Varistor Type MYG
logo
HuaXinAn Electronics CO...
14D511K HUAXINAN-14D511K Datasheet
238Kb / 3P
Metal Oxide Varistors
More results

Similar Description - 14D511K

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
logo
List of Unclassifed Man...
S6694Z ETC2-S6694Z Datasheet
43Kb / 1P
VARISTOR SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com