Electronic Components Datasheet Search
  English  ▼

X  

14D511K Datasheet(PDF) 3 Page - TYEE Products Inc

Part # 14D511K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

14D511K Datasheet(HTML) 3 Page - TYEE Products Inc

  14D511K Datasheet HTML 1Page - TYEE Products Inc 14D511K Datasheet HTML 2Page - TYEE Products Inc 14D511K Datasheet HTML 3Page - TYEE Products Inc 14D511K Datasheet HTML 4Page - TYEE Products Inc 14D511K Datasheet HTML 5Page - TYEE Products Inc 14D511K Datasheet HTML 6Page - TYEE Products Inc 14D511K Datasheet HTML 7Page - TYEE Products Inc 14D511K Datasheet HTML 8Page - TYEE Products Inc 14D511K Datasheet HTML 9Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
07D Series
Part No.
Maximum
Maximum
Rated
Typical
Energy
Peak Current
Power
Capacitance
Device
(J)
(8/20µs)
(@1KHz)
Standards
Marking
ACrms(V) DC(V)
Min. Vb(Vdc) Max.
Vc(V)
Ip(A)
10/1000µs
(A)
(W)
(pF)
07D180K
11
14
14.4
18
21.6
42
2.5
0.9
250
0.02
3800
☆
07D220K
14
18
18.7
22
26.0
47
2.5
1.1
250
0.02
3600
☆
07D270K
17
22
23.0
27
31.1
53
2.5
1.4
250
0.02
3400
☆
07D330K
20
26
29.5
33
36.5
65
2.5
1.7
250
0.02
2900
☆
07D390K
25
31
35
39
43
77
2.5
2.1
250
0.02
1600
☆
07D470K
30
38
42
47
52
93
2.5
2.5
250
0.02
1550
☆
07D560K
35
45
50
56
62
110
2.5
3.1
250
0.02
1500
☆
07D680K
40
56
61
68
75
135
2.5
3.6
250
0.02
1200
☆
07D820K
50
65
74
82
90
135
10
5.5
1200
0.25
860
☆
◎
07D101K
60
85
90
100
110
165
10
6.5
1200
0.25
750
☆
◎
07D121K
75
100
108
120
132
200
10
7.8
1200
0.25
530
☆
◎
07D151K
95
125
135
150
165
250
10
9.7
1200
0.25
410
☆
◎
07D181K
115
150
162
180
198
300
10
11.7
1200
0.25
300
☆
◎
07D201K
130
170
185
200
225
340
10
13.0
1200
0.25
250
☆ △ ※ ◎
07D221K
140
180
198
220
242
360
10
14.0
1200
0.25
250
☆ △ ※ ◎
07D241K
150
200
216
240
264
395
10
15.0
1200
0.25
240
☆ △ ※ ◎
07D271K
175
225
247
270
303
455
10
18.0
1200
0.25
220
☆ △ ※ ◎
07D301K
195
250
270
300
330
500
10
20.0
1200
0.25
190
☆ △ ※ ◎
07D331K
210
275
297
330
363
550
10
25.0
1200
0.25
180
☆ △ ※ ◎
07D361K
230
300
324
360
396
595
10
25.0
1200
0.25
170
☆ △ ※ ◎
07D391K
250
320
351
390
429
650
10
25.0
1200
0.25
160
☆ △ ※ ◎
07D431K
275
350
387
430
473
710
10
28.0
1200
0.25
150
☆ △ ※ ◎
07D471K
300
385
423
470
517
775
10
30.0
1200
0.25
130
☆ △ ※ ◎
07D511K
320
410
459
510
561
845
10
30.0
1200
0.25
120
☆ △ ※ ◎
07D561K
350
460
504
560
616
915
10
30.0
1200
0.25
120
☆ △ ※ ◎
07D621K
385
505
558
620
682
1025
10
30.0
1200
0.25
120
☆ △ ※ ◎
07D681K
420
560
612
680
748
1120
10
30.0
1200
0.25
110
☆ △ ※ ◎
07D751K
460
615
675
750
825
1240
10
33.0
1200
0.25
100
☆ △ ※ ◎
07D781K
485
640
702
780
858
1290
10
37.0
1200
0.25
90
☆ △ ※ ◎
07D821K
510
670
738
820
902
1355
10
40.0
1200
0.25
90
☆ △ ※ ◎
Standard No.
File No.
Symbols
△☆
※
◎
E165143
E150709
LR109736-1
21557-4790-001
Varistors for use in
Components
Surge Suppressors
for Electronic Products
Electronic equipment
Title
Across-The-Line
Transient Voltage
Accessories and Parts
Related Standards
UL 1414
UL 1449(2nd Edition)
CSA
VDE
Voltage
Varistor
Clamping Voltage
Voltage
@ Test Current
(@1mA)
(8/20µs)
Maximum
Allowable
TYEE Products Inc.
http://www.tyeeusa.com/
Page:3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com