Electronic Components Datasheet Search
  English  ▼

X  

TMP86CS28FG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP86CS28FG
Description  8 Bit Microcontroller
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS28FG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP86CS28FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 230 page
background image
Page 9
TMP86CS28FG
2. Operational Description
2.1 CPU Core Functions
The CPU core consists of a CPU, a system clock controller, and an interrupt controller.
This section provides a description of the CPU core, the program memory, the data memory, and the reset circuit.
2.1.1 Memory Address Map
The TMP86CS28FG memory is composed MaskROM, RAM, DBR(Data buffer register) and SFR(Special
function register). They are all mapped in 64-Kbyte address space. Figure 2-1 shows the TMP86CS28FG
memory address map.
Figure 2-1 Memory Address Map
2.1.2 Program Memory (MaskROM)
The TMP86CS28FG has a 61440 bytes (Address 1000H to FFFFH) of program memory (MaskROM ).
2.1.3 Data Memory (RAM)
The TMP86CS28FG has 2048 bytes (Address 0040H to 083FH) of internal RAM. The first 192 bytes
(0040H to 00FFH) of the internal RAM are located in the direct area; instructions with shorten operations are
available against such an area.
SFR
0000H
64 bytes
SFR:
RAM:
Special function register includes:
I/O ports
Peripheral control registers
Peripheral status registers
System control registers
Program status word
Random access memory includes:
Data memory
Stack
003FH
RAM
0040H
2048
bytes
083FH
DBR
0F00H
256
bytes
DBR:
Data buffer register includes:
Peripheral control registers
Peripheral status registers
LCD display memory
0FFFH
1000H
MaskROM:
Program memory
MaskROM
61440
bytes
FFA0H
Vector table for interrupts
(32 bytes)
FFBFH
FFC0H
Vector table for vector call instructions
(32 bytes)
FFDFH
FFE0H
Vector table for interrupts
(32 bytes)
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com