Electronic Components Datasheet Search
  English  ▼

X  

TMP86CS44UG Datasheet(PDF) 127 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 127 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 131Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 172 page
background image
Page 117
TMP86CS44UG
If received data is not read out from SIORDB receive error occurs immediately after shift opera-
tion is finished. Then INTSIO interrupt request is generated after SIOSR<RXERR> is set to “1”.
(3) Stopping the receive operation
There are two ways for stopping the receive operation.
• The way of clearing SIOCR1<SIOS>.
When SIOCR1<SIOS> is cleared to “0”, receive operation is stopped after all of the data is
finished to receive. When receive operation is finished, SIOSR<SIOF> is cleared to “0”.
In external clock operation, SIOCR1<SIOS> must be cleared to “0” before SIOSR<SEF> is
set to “1” by starting the next shift operation.
• The way of setting SIOCR1<SIOINH>.
Receive operation is stopped immediately after SIOCR1<SIOINH> is set to “1”. In this case,
SIOCR1<SIOS>, SIOSR register, SIORDB register and SIOTDB register are initialized.
Figure 11-10 Example of Internal Clock and MSB Receive Mode
A6 A5 A4 A3 A2 A1
A0
A7
B7 B6 B5 B4 B3 B2 B1
C7
B0
C6 C5 C4 C3 C2 C1 C0
B
A
C
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data A
Writing transmit
data B
Clearing SIOS
Writing transmit
data C
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK
pin
SI pin
SIOSR<RXF>
INTSIO
interrupt
request
SIORDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com