Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS23UG Datasheet(PDF) 54 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 54 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 50Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 51Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 53Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 54Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 55Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 56Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 57Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 58Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 252 page
background image
Page 42
3. Interrupt Control Circuit
3.4 Software Interrupt (INTSW)
TMP86FS23UG
Interrupt requests are sampled during the final cycle of the instruction being executed. Thus, the next inter-
rupt can be accepted immediately after the interrupt return instruction is executed.
Note 1: It is recommended that stack pointer be return to rate before INTATRAP (Increment 3 times), if return inter-
rupt instruction [RETN] is not utilized during interrupt service program under INTATRAP (such as Example
2).
Note 2: When the interrupt processing time is longer than the interrupt request generation time, the interrupt service
task is performed but not the main task.
3.4 Software Interrupt (INTSW)
Executing the SWI instruction generates a software interrupt and immediately starts interrupt processing (INTSW
is highest prioritized interrupt).
Use the SWI instruction only for detection of the address error or for debugging.
3.4.1 Address error detection
FFH is read if for some cause such as noise the CPU attempts to fetch an instruction from a non-existent
memory address during single chip mode. Code FFH is the SWI instruction, so a software interrupt is gener-
ated and an address error is detected. The address error detection range can be further expanded by writing
FFH to unused areas of the program memory. Address trap reset is generated in case that an instruction is
fetched from RAM, DBR or SFR areas.
3.4.2 Debugging
Debugging efficiency can be increased by placing the SWI instruction at the software break point setting
address.
3.5 Undefined Instruction Interrupt (INTUNDEF)
Taking code which is not defined as authorized instruction for instruction causes INTUNDEF. INTUNDEF is gen-
erated when the CPU fetches such a code and tries to execute it. INTUNDEF is accepted even if non-maskable inter-
rupt is in process. Contemporary process is broken and INTUNDEF interrupt process starts, soon after it is
requested.
Note: The undefined instruction interrupt (INTUNDEF) forces CPU to jump into vector address, as software interrupt
(SWI) does.
3.6 Address Trap Interrupt (INTATRAP)
Fetching instruction from unauthorized area for instructions (Address trapped area) causes reset output or address
trap interrupt (INTATRAP). INTATRAP is accepted even if non-maskable interrupt is in process. Contemporary pro-
cess is broken and INTATRAP interrupt process starts, soon after it is requested.
Note: The operating mode under address trapped, whether to be reset output or interrupt processing, is selected on
watchdog timer control register (WDTCR).
Example 2 :Restarting without returning interrupt
(In this case, PSW (Includes IMF) before interrupt acceptance is discarded.)
PINTxx:
INC
SP
; Recover SP by 3
INC
SP
;
INC
SP
;
(interrupt processing)
LD
EIRL, data
; Set IMF to “1” or clear it to “0”
JP
Restart Address
; Jump into restarting address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com