Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS23UG Datasheet(PDF) 100 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 100 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 104Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 252 page
background image
Page 88
8. 18-Bit Timer/Counter (TC1)
8.3 Function
TMP86FS23UG
Figure 8-5 Timing chart for the frequency measurement mode (Window gate pulse falling
interrupt)
1
0
2
3
5
4
1
2
3
56
4
6
0
ECIN pin input
AND-ed pulse
(Internal signal)
INTTC1 interrupt
Window gate
pulse
Up counter
TC1CR1<TC1C>
Read Clear
Ta
Tb
Ta
0
13
12
11
0
12
1 2 3 4 5 6 7 8 9 10
1 2 3 4 5 6 7 8 9 10
11
ECIN pin input
INTTC1 interrupt
Window gate
pulse
Up counter
TC1CR1<TC1C>
TC1CR2<SEG>
a) TC1CR2<SEG> = "0"
a) TC1CR2<SEG> = "1"
Read Clear
Ta
Tb
Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com