Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 207 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 207 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 211Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 272 page
background image
Page 195
TMP86FS28FG
16.2.1 LCD driving methods
As for LCD driving method, 4 types can be selected by LCDCR<DUTY>. The driving method is initialized
in the initial program according to the LCD used.
Note 1: fF: Frame frequency
Note 2: VLCD3: LCD drive voltage
Figure 16-2 LCD Drive Waveform (COM-SEG pins)
VLCD3
1/fF
1/fF
VLCD3
−VLCD3
Data "1"
Data "0"
0
Data "1"
−VLCD3
Data "0"
0
(b) 1/3 Duty (1/3 Bias)
(a) 1/4 Duty (1/3 Bias)
VLCD3
−VLCD3
Data "1"
Data "0"
1/fF
0
(d) Static
−VLCD3
Data "1"
Data "0"
1/fF
VLCD3
0
(c) 1/2 Duty (1/2 Bias)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com