Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 209 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 209 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 213Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 272 page
background image
Page 197
TMP86FS28FG
16.2.3 Driving method for LCD driver
In the TMP86FS28FG, LCD driving voltages can be generated using either an internal booster circuit or an
external resistor divider. This selection is made in LCDCR<BRES>.
16.2.3.1 When using the booster circuit (LCDCR<BRES>="1")
When the reference voltage is connected to the V1 pin, the booster circuit boosts the reference voltage
twofold (V2) or threefold (V3) to generate the output voltages for segment/common signals. When the
reference voltage is connected to the V2 pin, it is reduced to 1/2 (V1) or boosted to 3/2 (V3). When the
reference voltage is connected to the V3 pin, it is reduced to 1/3 (V1) or 2/3 (V2).
LCDCR<VFSEL> is used to select the reference frequency in the booster circuit. The faster the boost-
ing frequency, the higher the segment/common drive capability, but power consumption is increased.
Conversely, the slower the boosting frequency, the lower the segment/common drive capability, but power
consumption is reduced. If the drive capability is insufficient, the LCD may not be displayed clearly.
Therefore, select an optimum boosting frequency for the LCD panel to be used.
Table 16-3 shows the V3 pin current capacity and boosting frequency.
Note: When used as the booster circuit, bias should be composed to 1/3. Therefore, do not set
LCDCR<DUTY> to "10" or "11" when the booster circuit is enable (LCDCR<BRES>="1").
V3
V2
V1
C1
C0
VDD
VSS
Keep the following
condition.
V1 =
V3
Reference voltage
C
C
C
C
= 0.1 to 0.47
µF
1/3 x V3
a) Reference pin = V1
V3
V2
V1
C1
C0
VDD
VSS
Keep the following
condition.
V2 =
V3
Reference voltage
C
C
C
C
= 0.1 to 0.47
µF
b) Reference pin = V2
C
2/3 x V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com