Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 210 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 210 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 214Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 272 page
background image
Page 198
16. LCD Driver
16.2 Control
TMP86FS28FG
Note 1: When the TMP86FS28FG uses the booster circuit to drive the LCD, the power supply and capacitor for the booster circuit
should be connected as shown above.
Note 2: When the reference voltage is connected to a pin other than V1, add a capacitor between V1 and GND.
Note 3: The connection examples shown above are different from those shown in the datasheets of the previous version. Since
the above connection method enhances the boosting characteristics, it is recommended that new boards be designed
using the above connection method. (Using the existing connection method does not affect LCD display.)
Figure 16-3 Connection Examples When Using the Booster Circuit (LCDCR<BRES> = “1”)
Note 1: The current capacity is the amount of voltage that falls per 1
µA.
Note 2: The boosting frequency should be selected depending on your LCD panel.
Note 3: For the reference pin V1 or V2, a current capacity ten times larger than the above is recommended to ensure stable oper-
ation.
For example, when the boosting frequency is fc/29 (at fc = 8 MHz),
−1.7 mV/ µA or more is recommended for the current
capacity of the reference pin V1.
16.2.3.2 When using an external resistor divider (LCDCR<BRES>="0")
When an external resistor divider is used, the voltage of an external power supply is divided and input
on V1, V2, and V3 to generate the output voltages for segment/common signals.
Table 16-3 V3 Pin Current Capacity and Boosting Frequency (typ.)
VFSEL
Boosting frequency
fc = 16 MHz
fc = 8 MHz
fc = 4 MHz
fc = 32.768 MHz
00
fc/213 or fs/25
−37 mV/ µA
−80 mV/ µA
−138 mV/ µA
−76 mV/ µA
01
fc/211 or fs/23
−19 mV/ µA
−24 mV/ µA
−37 mV/ µA
−23 mV/ µA
10
fc/210 or fs/22
−17 mV/ µA
−19 mV/ µA
−24 mV/ µA
−18 mV/ µA
11
fc/29
−16 mV/ µA
−17 mV/ µA
−19 mV/ µA–
V3
V2
V1
C1
C0
VDD
VSS
Keep the following
condition.
V3
C
C
C
C
= 0.1 to 0.47
µF
c) Reference pin = V3
C
Reference voltage
V3
V2
V1
C1
C0
VDD
VSS
Keep the following
condition.
C
C
C
C
= 0.1 to 0.47
µF
d) Reference pin = V3
C
V3 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com