Electronic Components Datasheet Search
  English  ▼

X  

RN1416 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN1416
Description  Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1416 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN1416 Datasheet HTML 1Page - Toshiba Semiconductor RN1416 Datasheet HTML 2Page - Toshiba Semiconductor RN1416 Datasheet HTML 3Page - Toshiba Semiconductor RN1416 Datasheet HTML 4Page - Toshiba Semiconductor RN1416 Datasheet HTML 5Page - Toshiba Semiconductor RN1416 Datasheet HTML 6Page - Toshiba Semiconductor RN1416 Datasheet HTML 7Page - Toshiba Semiconductor RN1416 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RN1414
∼RN1418
2007-11-01
4
IC - VI (OFF)
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1414
25
-25
IC - VI (OFF)
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1415
25
-25
Ta = 100°C
Ta = 100°C
IC - VI (OFF)
10
100
1000
10000
0.20.40.60.8
1
1.21.41.61.8
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1416
25
-25
IC - VI (OFF)
10
100
1000
10000
0.8
1.2
1.6
2
2.4
2.8
3.2
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1417
25
-25
Ta = 100°C
Ta = 100°C
IC - VI (OFF)
10
100
1000
10000
1
2
34
56
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1418
25
-25
Ta = 100°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com