Electronic Components Datasheet Search
  English  ▼

X  

RN1416 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # RN1416
Description  Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1416 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  RN1416 Datasheet HTML 1Page - Toshiba Semiconductor RN1416 Datasheet HTML 2Page - Toshiba Semiconductor RN1416 Datasheet HTML 3Page - Toshiba Semiconductor RN1416 Datasheet HTML 4Page - Toshiba Semiconductor RN1416 Datasheet HTML 5Page - Toshiba Semiconductor RN1416 Datasheet HTML 6Page - Toshiba Semiconductor RN1416 Datasheet HTML 7Page - Toshiba Semiconductor RN1416 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RN1414
∼RN1418
2007-11-01
5
hFE - IC
10
100
1000
110
100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
25
-25
RN1414
hFE - IC
10
100
1000
110
100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
25
-25
RN1415
Ta = 100°C
Ta = 100°C
hFE - IC
10
100
1000
110
100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
25
-25
RN1416
hFE - IC
1
10
100
1000
110
100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
25
-25
RN1417
Ta = 100°C
Ta = 100°C
hFE - IC
10
100
1000
1
10
100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
25
-25
RN1418
Ta = 100°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com