Electronic Components Datasheet Search
  English  ▼

X  

MP4210 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MP4210
Description  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4210 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MP4210 Datasheet HTML 1Page - Toshiba Semiconductor MP4210 Datasheet HTML 2Page - Toshiba Semiconductor MP4210 Datasheet HTML 3Page - Toshiba Semiconductor MP4210 Datasheet HTML 4Page - Toshiba Semiconductor MP4210 Datasheet HTML 5Page - Toshiba Semiconductor MP4210 Datasheet HTML 6Page - Toshiba Semiconductor MP4210 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP4210
2006-10-27
4
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
Common source
Tc = 25°C
4
3
3.5
10
6
8
VGS = 2.5 V
4.5
0
4
8
12
16
20
0
4
8
12
16
20
0
0
Common source
Tc = 25°C
5
8
ID = 2.5 A
0
0.4
0.8
1.2
1.6
2.0
0
4
8
12
16
20
Common source
Tc = 25°C
0.03
0.3
10
VGS = 4 V
0.5
1
3
5
10
0.05
0.1
0.3
0.5
0.3
0.5
100
25
Tc = −55°C
Common source
VDS = 10 V
1
3
5
10
20
0.5
1
3
5
10
30
0
0
Common source
VDS = 10 V
100
25
Tc = −55°C
2
4
6
8
10
0
2
4
6
8
10
0
0
3.5
3
3.3
10
6
8
4
Common source
Tc = 25°C
1
2
3
4
5
0.4
0.8
1.2
1.6
2.0
VGS = 2.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com