Electronic Components Datasheet Search
  English  ▼

X  

MP4210 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # MP4210
Description  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4210 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  MP4210 Datasheet HTML 1Page - Toshiba Semiconductor MP4210 Datasheet HTML 2Page - Toshiba Semiconductor MP4210 Datasheet HTML 3Page - Toshiba Semiconductor MP4210 Datasheet HTML 4Page - Toshiba Semiconductor MP4210 Datasheet HTML 5Page - Toshiba Semiconductor MP4210 Datasheet HTML 6Page - Toshiba Semiconductor MP4210 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP4210
2006-10-27
5
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Total gate charge Qg (nC)
Dynamic Input/Output Characteristics
0
−80
VGS = 4 V
Common source
2.5, 1.3
2.5
1.3
ID = 4 A
VGS = 10 V
−40
0
40
80
120
160
0.3
0.1
0.2
0.4
4
0
−80
Common source
VDS = 10 V
ID = 1 mA
−40
0
40
80
120
160
0.5
1.0
1.5
2.0
2.5
Common source
VGS = 0 V
f = 1 MHz
Tc = 25°C
10
0.1
30
50
100
300
500
1000
3000
0.3 0.5
1
10
30 50
100
3
5
Ciss
Coss
Crss
Common source
Tc = 25°C
ID = 5 A
0
0
5
10
15
20
20
40
60
80
VDD = 48 V
12
VDD = 48 V
VDS
VGS
0
4
8
12
16
24
24
12
Common source
Tc = 25°C
0.1
0
−0.4
−0.8
−1.6
−2.0
−2.4
−1.2
0.3
0.5
1
3
5
10
20
VGS = 0, −1 V
10
3
1
Drain-source voltage VDS (V)
Safe Operating Area
0.1
1
IDP max
100 μs*
ID max
100 ms*
3
10
30
100
300
0.3
1
3
10
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
30
1 ms*
10 ms*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com