Electronic Components Datasheet Search
  English  ▼

X  

MP4411 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP4411
Description  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4411 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP4411 Datasheet HTML 1Page - Toshiba Semiconductor MP4411 Datasheet HTML 2Page - Toshiba Semiconductor MP4411 Datasheet HTML 3Page - Toshiba Semiconductor MP4411 Datasheet HTML 4Page - Toshiba Semiconductor MP4411 Datasheet HTML 5Page - Toshiba Semiconductor MP4411 Datasheet HTML 6Page - Toshiba Semiconductor MP4411 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP4411
2006-10-27
1
TOSHIBA Power MOS FET Module Silicon N Channel MOS Type (Four L2-π-MOSV in One)
MP4411
High Power, High Speed Switching Applications
For Printer Head Pin Driver and Pulse Motor Driver
For Solenoid Driver
• 4-V gate drivability
• Small package by full molding (SIP 12 pin)
• High drain power dissipation (4-device operation)
: PT = 28 W (Tc = 25°C)
• Low drain-source ON resistance: RDS (ON) = 0.28 Ω (typ.)
• High forward transfer admittance: |Yfs| = 3.5 S (typ.)
• Low leakage current: IGSS = ±10 μA (max) (VGS = ±16 V)
IDSS = 100 μA (max) (VDS = 100 V)
• Enhancement-mode: Vth = 0.8 to 2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
100
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
100
V
Gate-source voltage
VGSS
±20
V
DC
ID
3
Drain current
Pulse
IDP
12
A
Drain power dissipation
(1-device operation, Ta = 25°C)
PD
2.2
W
Ta = 25°C
4.4
Drain power dissipation
(4-device operation)
Tc = 25°C
PDT
28
W
Single pulse avalanche energy
(Note 1)
EAS
140
mJ
Avalanche current
IAR
3
A
1 device
operation
EAR
0.22
Repetitive avalanche
energy
(Note 2) 4 devices
operation
EART
0.44
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Condition for avalanche energy (single pulse) measurement
VDD = 50 V, starting Tch = 25°C, L = 20 mH, RG = 25 Ω, IAR = 3 A
Note 2: Repetitive rating; pulse width limited by maximum channel temperature
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Please handle with caution.
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-32C1D
Weight: 3.9 g (typ.)


Similar Part No. - MP4411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4411 TOSHIBA-MP4411 Datasheet
194Kb / 7P
TOSHIBA Power MOS FET Module Silicon N Channel MOS Type (Four L2-PIE-MOSV in One)
More results

Similar Description - MP4411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4209 TOSHIBA-MP4209 Datasheet
320Kb / 5P
N CHANNEL MOS TYPE HIGH POER, HIGH SPEED SWITCHING APPLICATIONS, FOR PRINTER HEAD PIN DRIVER AND PULSE MOTOR DRIVER FOR SOLENOID DRIVER)
logo
Sanken electric
2SB1351 SANKEN-2SB1351 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
2SB1352 SANKEN-2SB1352 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
logo
Sanyo Semicon Device
LC4608C SANYO-LC4608C Datasheet
177Kb / 11P
Printer Head Driver
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
1chip motor driver for printer
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
Printer Solenoid Driver
logo
Toshiba Semiconductor
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com