Electronic Components Datasheet Search
  English  ▼

X  

MP4411 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MP4411
Description  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4411 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MP4411 Datasheet HTML 1Page - Toshiba Semiconductor MP4411 Datasheet HTML 2Page - Toshiba Semiconductor MP4411 Datasheet HTML 3Page - Toshiba Semiconductor MP4411 Datasheet HTML 4Page - Toshiba Semiconductor MP4411 Datasheet HTML 5Page - Toshiba Semiconductor MP4411 Datasheet HTML 6Page - Toshiba Semiconductor MP4411 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MP4411
2006-10-27
3
Source-Drain Diode Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
IDR
―
―
―
3
A
Pulse drain reverse current
IDRP
―
―
―
12
A
Diode forward voltage
VDSF
IDR = 3 A, VGS = 0 V
―
―
−1.5
V
Reverse recovery time
trr
―
100
―
ns
Reverse recovery charge
Qrr
IDR = 3 A, VGS = 0 V,
dIDR/dt = 50 A/μs
―
0.2
―
μC
Flyback-Diode Rating and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward current
IFM
―
―
―
3
A
Reverse current
IR
VR = 100 V
―
―
0.4
μA
Reverse voltage
VR
IR = 100 μA
100
―
―
V
Forward voltage
VF
IF = 0.5 A
―
―
1.8
V
Marking
MP4411
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com