Electronic Components Datasheet Search
  English  ▼

X  

2269310 Datasheet(PDF) 2 Page - Theben AG

Part # 2269310
Description  KNX Sensor technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG

2269310 Datasheet(HTML) 2 Page - Theben AG

  2269310 Datasheet HTML 1Page - Theben AG 2269310 Datasheet HTML 2Page - Theben AG 2269310 Datasheet HTML 3Page - Theben AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
thePixa P360 24V KNX Set UP WH
Item no.: 2269310
Subject to technical changes and misprints
additional information at: www.theben.de/product/2269310
The load data are determined with exemplary selected illuminants and are therefore typical data due to the large
number of available products.
Technical data
thePixa P360 24V KNX Set UP WH
Operating voltage
24 V DC
Stand-by consumption
≤67 mA
Minimum height
2.5 m
Measuring range brightness
5 - 3000 lx
Type of connection
KNX bus terminal
Installation type
Flush-mounted
Light measurement
Mixed light measurement
thePixa P360 24V KNX Set UP WH
Switch-on delay presence
0 s - 120 min / inactive
Ambient temperature
-5°C ... 45°C
Colour
White
Setting range temperature
-15°C ... 60°C
Type of protection
IP 20
Connection example
Detection range for planning applications at a temperature of 21 °C
Mounting height (A)
Walking (T)
Sitting (S)
2.5 m
54 m² | 6 m x 9 m
22 m² | 4 m x 5.5 m
3 m
79 m² | 7.5 m x 10.5 m
35 m² | 5 m x 7 m
3.5 m
102 m² | 8.5 m x 12 m
51 m² | 6 m x 8.5 m
4 m
128 m² | 9.5 m x 13.5 m
79 m² | 7.5 m x 10.5 m
4.5 m
171 m² | 11 m x 15.5 m
102 m² | 8.5 m x 12 m
12/01/2025
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com