Electronic Components Datasheet Search
  English  ▼

X  

2269310 Datasheet(PDF) 3 Page - Theben AG

Part # 2269310
Description  KNX Sensor technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG

2269310 Datasheet(HTML) 3 Page - Theben AG

  2269310 Datasheet HTML 1Page - Theben AG 2269310 Datasheet HTML 2Page - Theben AG 2269310 Datasheet HTML 3Page - Theben AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
thePixa P360 24V KNX Set UP WH
Item no.: 2269310
Subject to technical changes and misprints
additional information at: www.theben.de/product/2269310
The load data are determined with exemplary selected illuminants and are therefore typical data due to the large
number of available products.
Detection range for planning applications at a temperature of 21 °C
Scale drawings
Accessories
Ceiling installation box 68A
Item no.: 9070992
12/01/2025
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com